Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2511025 Datasheet (PDF) - Alpha Wire

2511025 Datasheet PDF - Alpha Wire
Part # 2511025
Download  2511025 Download
File Size   94.16 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2511025 Datasheet (PDF)

Go To PDF Page Download Datasheet
2511025 Datasheet PDF - Alpha Wire

Part # 2511025
Download  2511025 Click to download

File Size   94.16 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2511025 Datasheet (HTML) - Alpha Wire


2511025 Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 25 X 1 COND
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.050
(1) Color Code Alpha Wire Color Code E
Cond Color Cond Color Cond Color
1 BLACK 10 WHITE 19 WHITE/SLATE
2 BROWN 11 WHITE/BLACK 20 WHITE/BLACK/B
ROWN
3 RED 12 WHITE/BROWN 21 WHITE/BLACK/R
ED
4 ORANGE 13 WHITE/RED 22 WHITE/BLACK/O
RANGE
5 YELLOW 14 WHITE/ORANGE 23 WHITE/BLACK/Y
ELLOW
6 GREEN 15 WHITE/YELLOW 24 WHITE/BLACK/G
REEN
7 BLUE 16 WHITE/GREEN 25 WHITE/BLACK/B
LUE
8 VIOLET 17 WHITE/BLUE
9 SLATE 18 WHITE/VIOLET
2) Cable Assembly 25 Components Cabled
a) Twists: 2.7 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield: A/P/A Tape, 20% Overlap, Min.
a) Drain Wire 22 (7/30) AWG Tinned Copper
b) Braid Tinned Copper,70% Coverage, Nom.
4) Jacket
0.032" Wall, Nom.,Polyurethane
(TPU)
0.396 (0.416 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25110/25
XTRAGUARD(R) 2 RU AWM 20668 VW-1 --- LLXXXXXX CSA
AWM I/II A/B 90C 300 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 2511025

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2511020 ALPHAWIRE-2511020 Datasheet
98Kb / 4P
Customer Specification
12/13/2022
logo
Wurth Elektronik GmbH &...
2511020213301 WURTH-2511020213301 Datasheet
627Kb / 7P
WSEN-PADS Absolute Pressure Sensor
001.001
25110202133011 WURTH-25110202133011 Datasheet
600Kb / 7P
WSEN-PADS Absolute Pressure Sensor
001.000
logo
Integrated Technology F...
251102B ITF-251102B Datasheet
201Kb / 5P
SAW Bandpass Filter
2006-09-12
More results


Similar Description - 2511025

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com