Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2537025 Datasheet (PDF) - Alpha Wire

2537025 Datasheet PDF - Alpha Wire
Part # 2537025
Download  2537025 Download
File Size   93.59 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2537025 Datasheet (PDF)

Go To PDF Page Download Datasheet
2537025 Datasheet PDF - Alpha Wire

Part # 2537025
Download  2537025 Click to download

File Size   93.59 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2537025 Datasheet (HTML) - Alpha Wire


2537025 Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 25 X 1 COND
a) Conductor 16 (19/.0117) AWG Tinned Copper 0.059
b) Insulation 0.016" Wall, Nom. PVC 0.091
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 10 SLATE 19 WHITE/YELLOW
2 RED 11 PINK 20 WHITE/BLUE
3 WHITE 12 TAN 21 WHITE/BROWN
4 GREEN 13 RED/GREEN 22 WHITE/ORANGE
5 ORANGE 14 RED/YELLOW 23 WHITE/SLATE
6 BLUE 15 RED/BLACK 24 WHITE/VIOLET
7 BROWN 16 WHITE/BLACK 25 WHITE/BLACK/R
ED
8 YELLOW 17 WHITE/RED
9 VIOLET 18 WHITE/GREEN
2) Cable Assembly 25 Components Cabled
a) Twists: 1.5 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield: Alum/Mylar Tape, 20% Overlap, Min.
a) Foil Direction Foil Facing In
b) Drain Wire 16 (19/.0117) AWG Tinned Copper
4) Jacket 0.053" Wall, Nom.,Polyurethane 0.660 (0.685 Max.)
(TPU)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25370/25
XTRAGUARD(R) 2 RU AWM 20668 VW-1 OR CRU
AWM I/II A/B 90C 300 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)
* = Factory Code




Similar Part No. - 2537025

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25370 ALPHAWIRE-25370 Datasheet
93Kb / 4P
Customer Specification
1/9/2023
25370-20 ALPHAWIRE-25370-20 Datasheet
395Kb / 4P
16 (19/.0117) AWG Tinned Copper
25370/15 ALPHAWIRE-25370/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
25370/20 ALPHAWIRE-25370/20 Datasheet
395Kb / 4P
16 (19/.0117) AWG Tinned Copper
25370/30 ALPHAWIRE-25370/30 Datasheet
94Kb / 5P
Customer Specification
1/9/2023
More results


Similar Description - 2537025

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com