Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100267 Datasheet (PDF) - Vishay Siliconix

100267 Datasheet PDF - Vishay Siliconix
Part # 100267
Download  100267 Download
File Size   70.33 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network

100267 Datasheet (PDF)

Go To PDF Page Download Datasheet
100267 Datasheet PDF - Vishay Siliconix

Part # 100267
Download  100267 Click to download

File Size   70.33 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Decade Divider, Single In-Line, Thin Film Divider, Through Hole Resistor Network

100267 Datasheet (HTML) - Vishay Siliconix


100267 Product details

FEATURES
• Tight ratio tolerance (0.01 %)
• 5 decade ratio divider
• High voltage capability (300 V)
• Material categorization: for definitions of
compliance please see www.vishay.com/doc?99912




Similar Part No. - 100267

ManufacturerPart #DatasheetDescription
logo
Heyco.
10026 HEYCO-10026 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
3M Electronics
10026 3M-10026 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
logo
Innovative Sensor Techn...
100260 IST-100260 Datasheet
370Kb / 2P
Platinum sensor with wires For high temperatures with a TCR of 3750 ppm/K
logo
Weidmuller
1002630000 WEIDMULLER-1002630000 Datasheet
77Kb / 3P
BLF 5.08/17/90LH SN OR BX
logo
AVX Corporation
1002649 AVX-1002649 Datasheet
1Mb / 5P
GPS/GLONASS/Beidou/Galileo Patch Dual Feed Antenna
9/27/2021
More results


Similar Description - 100267

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN105 CALMIRCO-PRN105 Datasheet
52Kb / 2P
SOT23 Thin Film Precision Voltage Divider Network
logo
Vishay Siliconix
CNS471 VISHAY-CNS471 Datasheet
348Kb / 2P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
100-267 VISHAY-100-267 Datasheet
227Kb / 3P
Decade Divider, Single In-Line Network
03-Aug-07
CNS471 VISHAY-CNS471_08 Datasheet
322Kb / 3P
Decade Divider, Single-In-Line Thin Film Resistor Networks (Standard)
12-Jul-06
CNS471 VISHAY-CNS471_17 Datasheet
91Kb / 3P
Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
28-Aug-13
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
12-Jul-13
CC7 VISHAY-CC7 Datasheet
67Kb / 3P
Thin Film Resistor Divider Network on Alumina, User Trimmable
18-Apr-13
CCC VISHAY-CCC Datasheet
67Kb / 3P
Thin Film, 1010 Center-Tapped Resistor Divider Network on Alumina
20-Mar-13
CNS471 VISHAY-CNS471_V01 Datasheet
84Kb / 3P
Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
02-Mar-18
TDP VISHAY-TDP_V01 Datasheet
91Kb / 4P
Molded, Dual-In-Line Thin Film Resistor, Through-Hole Network
07-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com