Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AORN Datasheet (PDF) - Vishay Siliconix

AORN Datasheet PDF - Vishay Siliconix
Part # AORN_V01
Download  AORN Download
File Size   96.13 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks

AORN Datasheet (PDF)

Go To PDF Page Download Datasheet
AORN Datasheet PDF - Vishay Siliconix

Part # AORN_V01
Download  AORN Click to download

File Size   96.13 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks

AORN Datasheet (HTML) - Vishay Siliconix


AORN Product details

FEATURES
• Moisture resistant tantalum nitride resistive film
(MIL STD 202, method 106)
• Standard 8 pin count (0.150" narrow body)
JEDEC® MS-012
• Rugged molded case construction
• Excellent long term ratio stability
(ΔR ± 0.015 %)
• Low TCR tracking ± 5 ppm/°C
• Passes sulfur resistance test per ASTM B 809
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - AORN_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AORN VISHAY-AORN Datasheet
101Kb / 4P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
24-Feb-15
More results


Similar Description - AORN_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
21-Aug-06
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
Dual In-Line Precision Thin Film Resistor Networks
logo
Vishay Siliconix
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
02-May-07
PATT VISHAY-PATT Datasheet
94Kb / 4P
Precision Automotive High Temperature Thin Film Chip Resistor, AEC-Q200 Qualified
17-Sep-13
AORN VISHAY-AORN Datasheet
101Kb / 4P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
24-Feb-15
NOMCA VISHAY-NOMCA Datasheet
107Kb / 5P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
24-Feb-12
ORN VISHAY-ORN_17 Datasheet
100Kb / 3P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
02-Sep-11
OSOP VISHAY-OSOP_17 Datasheet
127Kb / 3P
Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
03-Mar-17
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
25-Apr-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com