Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC08 Datasheet (PDF) - Ceramate Technical

24LC08 Datasheet PDF - Ceramate Technical
Part # 24LC08
Download  24LC08 Download
File Size   397.95 Kbytes
Page   23 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description 8K-Bit Serial EEPROM

24LC08 Datasheet (PDF)

Go To PDF Page Download Datasheet
24LC08 Datasheet PDF - Ceramate Technical

Part # 24LC08
Download  24LC08 Click to download

File Size   397.95 Kbytes
Page   23 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description 8K-Bit Serial EEPROM

24LC08 Datasheet (HTML) - Ceramate Technical


24LC08 Product details

OVERVIEW
The 24LC08 serial EEPROM has a 8,192-bit (1,024-byte) capacity, supporting the standard I2C™-bus serial interface. It is fabricated using CERAMATEs most advanced CMOS technology. One of its major feature ’ is a hardware-based write protection circuit for the entire memory area. Hardware-based write protection is controlled by the state of the write-protect (WP) pin. Using one-page write mode, you can load up to 16 bytes of data into the EEPROM in a single write operation. Another significant feature of the 24LC08 is its support for fast mode and standard mode.

FEATURES
I2C-Bus Interface
• Two-wire serial interface
• Automatic word address increment

EEPROM
• 8K-bit (1,024-byte) storage area
• 16-byte page buffer
• Typical 3.5 ms write cycle time with auto-erase function
• Hardware-based write protection for the entire EEPROM (using the WP pin)
• EEPROM programming voltage generated on chip
• 1,000,000 erase/write cycles
• 100 years data retention

Operating Characteristics
• Operating voltage
    — 2.5 V to 5.5 V (write)
    — 2.2 V to 5.5 V (read)
• Operating current
    — Maximum write current: < 3 mA at 5.5 V
    — Maximum read current: < 200 mA at 5.5 V
    — Maximum stand-by current: < 5 mA at 3.3 V
• Operating temperature range
    — – 25°C to + 70°C (commercial)
    — – 40°C to + 85°C (industrial)
• Operating clock frequencies
    — 100 kHz at standard mode
    — 400 kHz at fast mode
• Electrostatic discharge (ESD)
    — 3,000 V (HBM)
    — 300 V (MM)

Packages
• 8-pin DIP, SOP, and TSSOP




Similar Part No. - 24LC08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
24LC08 ATMEL-24LC08 Datasheet
154Kb / 15P
3-Wire Serial EEPROMs
logo
Microchip Technology
24LC080-IP MICROCHIP-24LC080-IP Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
24LC080-ISN MICROCHIP-24LC080-ISN Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
24LC080-P MICROCHIP-24LC080-P Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
24LC080-SN MICROCHIP-24LC080-SN Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
More results


Similar Description - 24LC08

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
1K/2K/4K/8K-bit Serial EEPROM
logo
Microchip Technology
24AA08 MICROCHIP-24AA08 Datasheet
367Kb / 26P
8K IC SERIAL EEPROM
2008
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
413Kb / 10P
8K-Bit Microwire Serial EEPROM
CAT93C76 CATALYST-CAT93C76_07 Datasheet
230Kb / 13P
8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
24AA08 MICROCHIP-24AA08_09 Datasheet
553Kb / 30P
8K I2C??Serial EEPROM
2009
24LC08BISN MICROCHIP-24LC08BISN Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012
24LC08BIST MICROCHIP-24LC08BIST Datasheet
553Kb / 30P
8K I2C Serial EEPROM
2009
24LC08BT-IOT MICROCHIP-24LC08BT-IOT Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
11/29/11
24AA08 MICROCHIP-24AA08 Datasheet
864Kb / 30P
8K I2C Serial EEPROM
01/02/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com