Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA489204 Datasheet (PDF) - Renesas Technology Corp

RAA489204 Datasheet PDF - Renesas Technology Corp
Part # RAA489204
Download  RAA489204 Download
File Size   4533.96 Kbytes
Page   160 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Industrial Grade Multi-Cell Li-Ion Battery Manager

RAA489204 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA489204 Datasheet PDF - Renesas Technology Corp

Part # RAA489204
Download  RAA489204 Click to download

File Size   4533.96 Kbytes
Page   160 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Industrial Grade Multi-Cell Li-Ion Battery Manager

RAA489204 Datasheet (HTML) - Renesas Technology Corp


RAA489204 Product details

Features
▪ Monitors and manages up to 14 cells; all standard
Li-Ion cell chemistries
▪ Robust two-wire Daisy Chain communications
system using capacitor or transformer coupling at
up to 1Mbps
▪ High security communications protocol
▪ Cell voltage measurement accuracy +/-10mV
▪ Up to six external temperature monitoring inputs
▪ Internal temperature monitoring with warning flag
▪ Two general purpose I/O pins
▪ Automatic sensing of position in battery stack
▪ Measures and performs read-back on all voltages,
temperatures, and diagnostics for 112 cells in less
than 10ms
▪ User-selectable cell measurement averaging
function
▪ 14-bit voltage and temperature measurements
▪ Integrated system diagnostics for all key functions
▪ Watchdog shuts down device if communication is
lost
▪ Fully tolerant to EMC and transients




Similar Part No. - RAA489204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA489204 RENESAS-RAA489204 Datasheet
1Mb / 145P
Industrial Grade Multi-Cell Li-Ion Battery Manager
Jun 15, 2023
RAA4892042GFT#AA0 RENESAS-RAA4892042GFT#AA0 Datasheet
1Mb / 145P
Industrial Grade Multi-Cell Li-Ion Battery Manager
Jun 15, 2023
RAA4892042GFT#HA0 RENESAS-RAA4892042GFT#HA0 Datasheet
1Mb / 145P
Industrial Grade Multi-Cell Li-Ion Battery Manager
Jun 15, 2023
RAA489204 RENESAS-RAA489204_V01 Datasheet
1Mb / 145P
Industrial Grade Multi-Cell Li-Ion Battery Manager
Jun 15, 2023
More results


Similar Description - RAA489204

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
1-Cell Li-Ion Battery Manager
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
December 14, 2012
ISL94212INZ INTERSIL-ISL94212INZ Datasheet
2Mb / 96P
Multi-Cell Li-Ion Battery Manager
April 23, 2015
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
Multi-Cell Li-Ion Battery Manager
January 20, 2015
logo
Texas Instruments
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
Li-Ion Battery Pack Manager
logo
Intersil Corporation
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
Multi-Cell Li-Ion Battery Manager
logo
Active-Semi, Inc
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
Multi-Cell Li-Ion Battery Manager
ISL78610 RENESAS-ISL78610 Datasheet
3Mb / 100P
Multi-Cell Li-Ion Battery Manager
ISL94212 RENESAS-ISL94212 Datasheet
3Mb / 96P
Multi-Cell Li-Ion Battery Manager
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com