Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAJ240045 Datasheet (PDF) - Renesas Technology Corp

RAJ240045 Datasheet PDF - Renesas Technology Corp
Part # RAJ240045
Download  RAJ240045 Download
File Size   3441.09 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 to 4 Series Li-ion Battery Manager

RAJ240045 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAJ240045 Datasheet PDF - Renesas Technology Corp

Part # RAJ240045
Download  RAJ240045 Click to download

File Size   3441.09 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 to 4 Series Li-ion Battery Manager

RAJ240045 Datasheet (HTML) - Renesas Technology Corp


RAJ240045 Product details

1.1 Features
 Fully integrated battery management solution with battery capacity measurement and programmable protection capability.
 Supports 2-4 series Li-ion or Li-Polymer battery cells
 Integrated with Renesas Ultra Low Power RL78 CPU core for multi-function process
 Memory
Code flash memory: 64KB
Data flash memory (up to 100,000 erase/write cycles): 4 KB
SRAM: 4 KB
 Clock generator
High speed on-chip oscillator: up to 32 MHz
Low speed on-chip oscillator: 15 KHz
AFE on-chip oscillator: 4.194MHz
 General Purpose I/O Ports
Total: 12 pins
CMOS input/output: 6
CMOS input: 2
N-ch open drain: 2
High voltage input [VCC tolerance]: 1
High voltage output [VCC tolerance]: 1
 Serial interface
CSI (SPI): 1 channel
I2C: 1 channel
UART: 1 channel
Simplified I2C: 1 channel
 Timer
MCU 16-bit timer: 5 channels
MCU 12-bit interval timer: 1 channel
AFE timer: 2 channels
- AFE timer A: setting range: 125 ms to 64 s
- AFE timer B: setting range:30.52 us to 125 ms
 Embedded A/D converter
AFE 15-bit resolution sigma-delta A/D converter

 Current integration circuit
18-bit resolution sigma-delta A/D converter
 Impedance measurement circuit
Simultaneous measurement of battery voltage and current
 Over current detection circuit
Short circuit current detection
Charge overcurrent detection
Discharge overcurrent detection
Charge wakeup current detection
Discharge wakeup current detection
 Series regulator
3.3V CREG2
1.8V CREG1
 Charge and Discharge MOSFET control
High side Nch MOSFET drive circuit embedded
Programmable MOSFET control by 8-bit PWM
 Fuse control
FUSEOUT pin can support fuse blow function.
 Support Intel® Dynamic Battery Power Technology (Intel® DBPT) Note
 Voltage and temperature condition
Power supply voltage: VCC = 4.0 to 25 V
Operating ambient temperature: Ta = -20 to +85°C
 Package Information
32 pin plastic mold QFN
([Body] 4.0 mm x 4.0 mm, 0.4 mm pitch)




Similar Part No. - RAJ240045

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAJ240045 RENESAS-RAJ240045 Datasheet
1Mb / 67P
Integrated Li-ION Battery Managemer for 2-4 Series Cell
More results


Similar Description - RAJ240045

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3050 TI-BQ3050 Datasheet
735Kb / 28P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
December 14, 2012
logo
Texas Instruments
BQ30Z554-R1 TI1-BQ30Z554-R1 Datasheet
923Kb / 29P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI1-BQ3055_14 Datasheet
914Kb / 27P
2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
Li-Ion Battery Pack Manager
BQ40Z80 TI1-BQ40Z80 Datasheet
1Mb / 46P
2-Series to 7-Series Li-Ion Battery Pack Manager
logo
Renesas Technology Corp
RAJ240071 RENESAS-RAJ240071 Datasheet
5Mb / 58P
2 to 5 Series Li-ion Battery Manager
Dec. 14, 2018
RAJ240090 RENESAS-RAJ240090_V01 Datasheet
3Mb / 85P
3 to 10 Series Li-ion Battery Manager
Jan.17, 2020
RAJ240310 RENESAS-RAJ240310 Datasheet
3Mb / 65P
3 to 10 Series Li-ion Battery Manager
May 31, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com