Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBB3100CLAHWS Datasheet (PDF) - Vishay Siliconix

CBB3100CLAHWS Datasheet PDF - Vishay Siliconix
Part # CBB3100CLAHWS
Download  CBB3100CLAHWS Download
File Size   63.97 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Binary MOS Capacitors

CBB3100CLAHWS Datasheet (PDF)

Go To PDF Page Download Datasheet
CBB3100CLAHWS Datasheet PDF - Vishay Siliconix

Part # CBB3100CLAHWS
Download  CBB3100CLAHWS Click to download

File Size   63.97 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thin Film Binary MOS Capacitors

CBB3100CLAHWS Datasheet (HTML) - Vishay Siliconix


CBB3100CLAHWS Product details

FEATURES
• Wire bondable
• User value selection
• Five capacitors on a 0.019" x 0.048" (CBB)
or 0.044" x 0.044" (CBC) chip
• Case size: 0402, 0404
• Capacitance range: up to 93 pF in binary
increments
• Dielectric: silicon dioxide
• Low dielectric loss
• Substrate: silicon with gold backing
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - CBB3100CLAHWS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CBB MSYSTEM-CBB Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBB VISHAY-CBB Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
24-Sep-13
logo
Cooper Bussmann, Inc.
CBB-30 COOPER-CBB-30 Datasheet
269Kb / 5P
Automotive Circuit Breakers
logo
Tenma
CBB002741 TENMA-CBB002741 Datasheet
655Kb / 2P
Heating Elements
12/06/12 V1.0
logo
WOLFSPEED, INC.
CBB011M12GM4 WOLFSPEED-CBB011M12GM4 Datasheet
2Mb / 12P
1200 V, 11 mΩ, Silicon Carbide, Full-Bridge Module
Rev. 1, June 2024
More results


Similar Description - CBB3100CLAHWS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
02013J0R1ABSTR AVX-02013J0R1ABSTR Datasheet
217Kb / 19P
Thin-Film Chip Capacitors
logo
Vishay Siliconix
CBA VISHAY-CBA_15 Datasheet
76Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
CBB VISHAY-CBB_15 Datasheet
73Kb / 3P
Thin Film Binary MOS Capacitors
24-Sep-13
BRCP VISHAY-BRCP Datasheet
240Kb / 6P
Thin Film Bar MOS Capacitors
22-Jan-15
logo
M-System Co.,Ltd.
CBB MSYSTEM-CBB Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
CBA MSYSTEM-CBA Datasheet
83Kb / 3P
Thin Film Binary MOS Capacitors
logo
Vishay Siliconix
CBB VISHAY-CBB Datasheet
80Kb / 3P
Thin Film Binary MOS Capacitors
24-Sep-13
CBA VISHAY-CBA Datasheet
83Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
BRCP VISHAY-BRCP_V01 Datasheet
222Kb / 6P
Thin Film Bar MOS Capacitors
22-Jan-15
CBA VISHAY-CBA_V01 Datasheet
68Kb / 3P
Thin Film Binary MOS Capacitors
02-May-13
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com