Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTH4L045N065SC1 Datasheet (PDF) - ON Semiconductor

NTH4L045N065SC1 Datasheet PDF - ON Semiconductor
Part # NTH4L045N065SC1
Download  NTH4L045N065SC1 Download
File Size   325.79 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide SiC MOSFET - 33 mohm, 650V, M2, TO-247-4L

NTH4L045N065SC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTH4L045N065SC1 Datasheet PDF - ON Semiconductor

Part # NTH4L045N065SC1
Download  NTH4L045N065SC1 Click to download

File Size   325.79 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Silicon Carbide SiC MOSFET - 33 mohm, 650V, M2, TO-247-4L

NTH4L045N065SC1 Datasheet (HTML) - ON Semiconductor


NTH4L045N065SC1 Product details

Features
• Typ. RDS(on) = 33 m @ VGS = 18 V
Typ. RDS(on) = 45 m @ VGS = 15 V
• Ultra Low Gate Charge (QG(tot) = 105 nC)
• High Speed Switching with Low Capacitance (Coss = 162 pF)
• 100% Avalanche Tested
• TJ = 175°C
• This Device is Halide Free and RoHS Compliant with exemption 7a,
Pb−Free 2LI (on second level interconnection)

Typical Applications
• SMPS (Switching Mode Power Supplies)
• Solar Inverters
• UPS (Uninterruptable Powere Supplies)
• Energy Storages




Similar Part No. - NTH4L045N065SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTH4L045N065SC1 ONSEMI-NTH4L045N065SC1 Datasheet
350Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 33mohm, 650V, M2, TO-247-4L
January, 2023 - Rev. 3
NTH4L045N065SC1 ONSEMI-NTH4L045N065SC1_V01 Datasheet
350Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 33mohm, 650V, M2, TO-247-4L
January, 2023 - Rev. 3
More results


Similar Description - NTH4L045N065SC1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMT045N065SC1 ONSEMI-NTMT045N065SC1 Datasheet
312Kb / 5P
Silicon Carbide (SiC) MOSFET - 33 mohm, 650V, M2, Power88
May, 2022 - Rev. P2
NTH4L020N090SC1 ONSEMI-NTH4L020N090SC1 Datasheet
331Kb / 8P
Silicon Carbide SiC MOSFET - 20 mohm, 900 V, M2, TO-247-4L
May, 2022 - Rev. 1
NTH4L025N065SC1 ONSEMI-NTH4L025N065SC1 Datasheet
322Kb / 8P
Silicon Carbide SiC MOSFET - 19 mohm, 650 V, M2, TO-247-4L
May, 2022 - Rev. 2
NTH4L060N065SC1 ONSEMI-NTH4L060N065SC1 Datasheet
319Kb / 8P
Silicon Carbide SiC MOSFET - 44 mohm, 650 V, M2, TO-247-4L
May, 2022 - Rev. 2
NTH4L060N090SC1 ONSEMI-NTH4L060N090SC1 Datasheet
895Kb / 7P
Silicon Carbide SiC MOSFET - 60 mohm, 900V, M2, TO-247-4L
May, 2022 - Rev. 1
NTH4L075N065SC1 ONSEMI-NTH4L075N065SC1 Datasheet
320Kb / 8P
Silicon Carbide SiC MOSFET - 57 mohm, 650 V, M2, TO-247-4L
May, 2022 - Rev. 1
NTHL075N065SC1 ONSEMI-NTHL075N065SC1 Datasheet
283Kb / 8P
Silicon Carbide SiC MOSFET - 57 mohm, 650V, M2, TO-247-3L
April, 2022 - Rev. 1
NTH4L015N065SC1 ONSEMI-NTH4L015N065SC1_V01 Datasheet
357Kb / 8P
Silicon Carbide (SiC) MOSFET – 12 mohm, 650 V, M2, TO-247-4L
May, 2022 - Rev. 2
NTMT045N065SC1 ONSEMI-NTMT045N065SC1_V01 Datasheet
557Kb / 8P
Silicon Carbide (SiC) MOSFET - 33 mohm, 650V, M2, Power88
November, 2022 - Rev. 0
NTH4L045N065SC1 ONSEMI-NTH4L045N065SC1_V01 Datasheet
350Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 33mohm, 650V, M2, TO-247-4L
January, 2023 - Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com