Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC273FT Datasheet (PDF) - Toshiba Semiconductor

74VHC273FT Datasheet PDF - Toshiba Semiconductor
Part # 74VHC273FT
Download  74VHC273FT Download
File Size   185.72 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC273FT Datasheet (PDF)

Go To PDF Page Download Datasheet
74VHC273FT Datasheet PDF - Toshiba Semiconductor

Part # 74VHC273FT
Download  74VHC273FT Click to download

File Size   185.72 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CMOS Digital Integrated Circuits Silicon Monolithic

74VHC273FT Datasheet (HTML) - Toshiba Semiconductor


74VHC273FT Product details

Functional Description
• Octal D-Type Flip-Flop with Clear

General
The 74VHC273FT is an advanced high speed CMOS OCTAL D-TYPE FLIP FLOP fabricated with silicon gate
C2MOS technology.
It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS
low power dissipation.
Information signals applied to D inputs are transferred to the Q outputs on the positive going edge of the clock
pulse.
When the CLR input is held "L", the Q outputs are at a low logic level independent of the other inputs.
An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply
voltage.This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched supply and input voltages.

Features
1) AEC-Q100 (Rev. H) (Note 1)
2) Wide operating temperature range: Topr = -40 to 125 
3) High speed: fMAX = 165 MHz (typ.) at VCC = 5.0 V
4) Low power dissipation: ICC = 4.0 μA (max) at Ta = 25
5) High noise immunity: VNIH = VNIL = 28% VCC (min)
6) Power-down protection is provided on all inputs.
7) Balanced propagation delays: tPLH ≈ tPHL
8) Wide operating voltage range: VCC(opr) = 2.0 V to 5.5 V
9) Low noise: VOLP = 0.8 V (max)
10) Pin and function compatible with the 74 series
(74AC/HC/AHC etc.) 273 type.




Similar Part No. - 74VHC273FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273 Datasheet
72Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
Oct-1999
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273 Datasheet
532Kb / 10P
Octal D-Type Flip-Flop
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273 Datasheet
329Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
12-Nov-2004
logo
ON Semiconductor
74VHC273 ONSEMI-74VHC273 Datasheet
717Kb / 15P
Octal D-Type Flip-Flop
April 2007 Rev. 1.5
More results


Similar Description - 74VHC273FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
19-Oct-2007
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
18-Aug-2016
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
13-Sep-2022
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
21-Oct-2022
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
04-Oct-2022
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com