Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25060/70 Datasheet (PDF) - Alpha Wire

25060/70 Datasheet PDF - Alpha Wire
Part # 25060/70
Download  25060/70 Download
File Size   95.47 Kbytes
Page   6 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

25060/70 Datasheet (PDF)

Go To PDF Page Download Datasheet
25060/70 Datasheet PDF - Alpha Wire

Part # 25060/70
Download  25060/70 Click to download

File Size   95.47 Kbytes
Page   6 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

25060/70 Datasheet (HTML) - Alpha Wire


25060/70 Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 70 X 1 COND
a) Conductor 20 (7/28) AWG Tinned Copper 0.038
b) Insulation 0.016" Wall, Nom. PVC 0.070
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 25 WHITE/BLACK/R
ED
49 WHITE/BLUE/BL
UE
2 RED 26 WHITE/BLACK/G
REEN
50 WHITE/BLUE/BR
OWN
3 WHITE 27 WHITE/BLACK/Y
ELLOW
51 WHITE/BLUE/VIO
LET
4 GREEN 28 WHITE/BLACK/B
LUE
52 WHITE/BROWN/
BLACK
5 ORANGE 29 WHITE/BLACK/B
ROWN
53 WHITE/BROWN/
RED
6 BLUE 30 WHITE/BLACK/O
RANGE
54 WHITE/BROWN/
GREEN
7 BROWN 31 WHITE/BLACK/S
LATE
55 WHITE/BROWN/
BLUE
8 YELLOW 32 WHITE/BLACK/VI
OLET
56 WHITE/BROWN/
BROWN
9 VIOLET 33 57
WHITE/BLACK/B
LACK
WHITE/BROWN/
VIOLET
10 SLATE 34 WHITE/RED/BLA
CK
58 WHITE/VIOLET/R
ED
11 PINK 35
WHITE/RED/RED
59 WHITE/VIOLET/G
REEN
12 TAN 36 WHITE/RED/GRE
EN
60 WHITE/VIOLET/B
LUE
13 RED/GREEN 37 WHITE/RED/BLU
E
61 WHITE/BLACK/R
ED/GREEN
14 RED/YELLOW 38 WHITE/RED/BRO
WN
62 WHITE/BLACK/R
ED/YELLOW
15 RED/BLACK 39 WHITE/RED/VIOL
ET
63 WHITE/BLACK/R
ED/BLUE
16 WHITE/BLACK 40 WHITE/GREEN/B
LACK
64 WHITE/BLACK/R
ED/BROWN
17 WHITE/RED 41 WHITE/GREEN/R
ED
65 WHITE/BLACK/R
ED/ORANGE
18 WHITE/GREEN 42 WHITE/GREEN/G
REEN
66 WHITE/BLACK/R
ED/SLATE
19 WHITE/YELLOW 43 WHITE/GREEN/B
LUE
67 WHITE/BLACK/R
ED/VIOLET
20 WHITE/BLUE 44 WHITE/GREEN/B
ROWN
68 WHITE/BLACK/G
REEN/YELLOW
21 WHITE/BROWN 45 WHITE/GREEN/V
IOLET
69 WHITE/BLACK/G
REEN/BLUE
22 WHITE/ORANGE 46 WHITE/BLUE/BL
ACK
70 WHITE/BLACK/G
REEN/BROWN
23 WHITE/SLATE 47 WHITE/BLUE/RE
D
24 WHITE/VIOLET 48 WHITE/BLUE/GR
EEN
2) Cable Assembly 70 Components Cabled
a) Twists: 1.2 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Jacket
0.083" Wall, Nom.,Polyurethane
(TPU)
0.859 (0.893 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25060/70
XTRAGUARD(R) 2 RU AWM 20668 VW-1 OR CRU
AWM I/II A/B 90C 300 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)
* = Factory Code




Similar Part No. - 25060/70

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25060/15 ALPHAWIRE-25060/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
25060/20 ALPHAWIRE-25060/20 Datasheet
98Kb / 4P
Customer Specification
12/13/2022
25060/25 ALPHAWIRE-25060/25 Datasheet
93Kb / 4P
Customer Specification
1/4/2023
25060/40 ALPHAWIRE-25060/40 Datasheet
397Kb / 4P
20 (7/28) AWG Tinned Copper
25060/50 ALPHAWIRE-25060/50 Datasheet
94Kb / 5P
Customer Specification
1/5/2023
More results


Similar Description - 25060/70

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com