Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMSSH-3E Datasheet (PDF) - Central Semiconductor Corp

CMSSH-3E Datasheet PDF - Central Semiconductor Corp
Part # CMSSH-3E
Download  CMSSH-3E Download
File Size   134.1 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES

CMSSH-3E Datasheet (PDF)

Go To PDF Page Download Datasheet
CMSSH-3E Datasheet PDF - Central Semiconductor Corp

Part # CMSSH-3E
Download  CMSSH-3E Click to download

File Size   134.1 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON SCHOTTKY DIODES

CMSSH-3E Datasheet (HTML) - Central Semiconductor Corp


CMSSH-3E Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMSSH-3E Series types are Enhanced Versions of the CMSSH-3 Series of Silicon Schottky Diodes in an SOT-323 Surface Mount Package.

FEATURED ENHANCED SPECIFICATIONS:
♦ IF from 100mA max to 200mA MAX
♦ BVR from 30V min to 40V MIN
♦ VF from 1.0V max to 0.8V MAX

CMSSH-3E:   SINGLE
CMSSH-3AE: DUAL, COMMON ANODE
CMSSH-3CE: DUAL, COMMON CATHODE
CMSSH-3SE: DUAL, IN SERIES




Similar Part No. - CMSSH-3E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSSH-3E CENTRAL-CMSSH-3E Datasheet
676Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
CMSSH-3E CENTRAL-CMSSH-3E Datasheet
687Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODES
CMSSH-3E CENTRAL-CMSSH-3E_10 Datasheet
676Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
More results


Similar Description - CMSSH-3E

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMSD6263 CENTRAL-CMSD6263 Datasheet
107Kb / 2P
SUPERmini. SURFACE MOUNT SCHOTTKY DIODES
CMOSH-4E CENTRAL-CMOSH-4E Datasheet
124Kb / 2P
SURFACE MOUNT ENHANCED SPECIFICATION SILICON SCHOTTKY DIODE
CMPSH-3E CENTRAL-CMPSH-3E Datasheet
129Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
CMST6427E CENTRAL-CMST6427E Datasheet
93Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT, SUPERmini SILICON NPN DARLINGTON TRANSISTOR
CMUD6263E CENTRAL-CMUD6263E Datasheet
151Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT ULTRAmini SILICON SCHOTTKY DIODES
CMOSH-4E CENTRAL-CMOSH-4E_10 Datasheet
419Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODE
CMPD2836E CENTRAL-CMPD2836E_10 Datasheet
536Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT DUAL, SILICON SWITCHING DIODES
CMPSH-3E CENTRAL-CMPSH-3E_10 Datasheet
664Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
CMSSH-3E CENTRAL-CMSSH-3E_10 Datasheet
676Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
CMUD6263E CENTRAL-CMUD6263E_10 Datasheet
489Kb / 2P
ENHANCED SPECIFICATION SURFACE MOUNT SILICON SCHOTTKY DIODES
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com