Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2511050 Datasheet (PDF) - Alpha Wire

2511050 Datasheet PDF - Alpha Wire
Part # 2511050
Download  2511050 Download
File Size   95.1 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2511050 Datasheet (PDF)

Go To PDF Page Download Datasheet
2511050 Datasheet PDF - Alpha Wire

Part # 2511050
Download  2511050 Click to download

File Size   95.1 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2511050 Datasheet (HTML) - Alpha Wire


2511050 Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 50 X 1 COND
a) Conductor 22 (7/30) AWG Tinned Copper 0.030
b) Insulation 0.010" Wall, Nom. PVC, Semi Rigid 0.050
(1) Color Code Alpha Wire Color Code E
Cond Color Cond Color Cond Color
1 BLACK 18 WHITE/VIOLET 35 WHITE/RED/ORA
NGE
2 BROWN 19 WHITE/SLATE 36 WHITE/RED/YEL
LOW
3 RED 20 WHITE/BLACK/B
ROWN
37 WHITE/RED/GRE
EN
4 ORANGE 21 WHITE/BLACK/R
ED
38 WHITE/RED/BLU
E
5 YELLOW 22 WHITE/BLACK/O
RANGE
39 WHITE/RED/VIOL
ET
6 GREEN 23 WHITE/BLACK/Y
ELLOW
40 WHITE/RED/SLA
TE
7 BLUE 24 WHITE/BLACK/G
REEN
41 WHITE/ORANGE/
YELLOW
8 VIOLET 25 WHITE/BLACK/B
LUE
42 WHITE/ORANGE/
GREEN
9 SLATE 26 43
WHITE/BLACK/VI
OLET
WHITE/ORANGE/
BLUE
10 WHITE 27 WHITE/BLACK/S
LATE
44 WHITE/ORANGE/
VIOLET
11 WHITE/BLACK 28 WHITE/BROWN/
RED
45 WHITE/ORANGE/
SLATE
12 WHITE/BROWN 29 WHITE/BROWN/
ORANGE
46 WHITE/YELLOW/
GREEN
13 WHITE/RED 30 WHITE/BROWN/
YELLOW
47 WHITE/YELLOW/
BLUE
14 WHITE/ORANGE 31 WHITE/BROWN/
GREEN
48 WHITE/YELLOW/
VIOLET
15 WHITE/YELLOW 32 WHITE/BROWN/
BLUE
49 WHITE/YELLOW/
SLATE
16 WHITE/GREEN 33 WHITE/BROWN/
VIOLET
50 WHITE/GREEN/B
LUE
17 WHITE/BLUE 34 WHITE/BROWN/
SLATE
2) Cable Assembly 50 Components Cabled
a) Twists: 2.0 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield: A/P/A Tape, 20% Overlap, Min.
a) Drain Wire 22 (7/30) AWG Tinned Copper
b) Braid Tinned Copper,70% Coverage, Nom.
4) Jacket
0.032" Wall, Nom.,Polyurethane
(TPU)
0.506 (0.531 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25110/50
XTRAGUARD(R) 2 RU AWM 20668 VW-1 --- LLXXXXXX CSA
AWM I/II A/B 90C 300 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]




Similar Part No. - 2511050

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25110 ALPHAWIRE-25110 Datasheet
93Kb / 4P
Customer Specification
1/5/2023
25110-30 ALPHAWIRE-25110-30 Datasheet
396Kb / 4P
22 (7/30) AWG Tinned Copper
25110-40 ALPHAWIRE-25110-40 Datasheet
398Kb / 5P
22 (7/30) AWG Tinned Copper
25110/15 ALPHAWIRE-25110/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
25110/20 ALPHAWIRE-25110/20 Datasheet
98Kb / 4P
Customer Specification
12/13/2022
More results


Similar Description - 2511050

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com