Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1751400 Datasheet (PDF) - PHOENIX CONTACT

1751400 Datasheet PDF - PHOENIX CONTACT
Part # 1751400
Download  1751400 Download
File Size   471.96 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKKDS 1/ 3-3,5

1751400 Datasheet (PDF)

Go To PDF Page Download Datasheet
1751400 Datasheet PDF - PHOENIX CONTACT

Part # 1751400
Download  1751400 Click to download

File Size   471.96 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKKDS 1/ 3-3,5

1751400 Datasheet (HTML) - PHOENIX CONTACT


1751400 Product details

PCB terminal block, nominal current: 8 A, rated voltage (III/2): 200 V, nominal cross section: 1
mm2, number of potentials: 6, number of rows: 2, number of positions per row: 3, product range:
MKKDS 1, pitch: 3.5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Extremely small design for the respective conductor cross section
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1751400

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1751400000 WEIDMULLER-1751400000 Datasheet
87Kb / 4P
BLIDCB 3.5/2 SN SW
1751400000 WEIDMULLER-1751400000 Datasheet
87Kb / 4P
BLIDCB 3.5/3 SN OR
1751400000 WEIDMULLER-1751400000 Datasheet
87Kb / 4P
BLIDCB 3.5/3 SN SW
1751400000 WEIDMULLER-1751400000 Datasheet
87Kb / 4P
BLIDCB 3.5/6 SN OR
More results


Similar Description - 1751400

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751426 PHOENIX-1751426 Datasheet
87Kb / 6P
PCB terminal block - MKKDS 1/ 5-3,5
1751468 PHOENIX-1751468 Datasheet
134Kb / 6P
PCB terminal block - MKKDS 1/ 9-3,5
1751471 PHOENIX-1751471 Datasheet
86Kb / 6P
PCB terminal block - MKKDS 1/10-3,5
1751484 PHOENIX-1751484 Datasheet
79Kb / 5P
PCB terminal block - MKKDS 1/11-3,5
1751497 PHOENIX-1751497 Datasheet
130Kb / 6P
PCB terminal block - MKKDS 1/12-3,5
1751507 PHOENIX-1751507 Datasheet
79Kb / 5P
PCB terminal block - MKKDS 1/13-3,5
1751523 PHOENIX-1751523 Datasheet
129Kb / 6P
PCB terminal block - MKKDS 1/15-3,5
1751536 PHOENIX-1751536 Datasheet
129Kb / 6P
PCB terminal block - MKKDS 1/16-3,5
1751390 PHOENIX-1751390 Datasheet
127Kb / 8P
PCB terminal block - MKKDS 1/ 2-3,5
09/12/2020
1751413 PHOENIX-1751413 Datasheet
127Kb / 8P
PCB terminal block - MKKDS 1/ 4-3,5
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com