Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1751516 Datasheet (PDF) - PHOENIX CONTACT

1751516 Datasheet PDF - PHOENIX CONTACT
Part # 1751516
Download  1751516 Download
File Size   457.87 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPTA 1,5/ 6-3,81

1751516 Datasheet (PDF)

Go To PDF Page Download Datasheet
1751516 Datasheet PDF - PHOENIX CONTACT

Part # 1751516
Download  1751516 Click to download

File Size   457.87 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPTA 1,5/ 6-3,81

1751516 Datasheet (HTML) - PHOENIX CONTACT


1751516 Product details

PCB terminal block, nominal current: 9 A, rated voltage (III/2): 160 V, nominal cross section: 1.5
mm2, number of potentials: 6, number of rows: 1, number of positions per row: 6, product range:
SPTA 1,5/, pitch: 3.81 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.4 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Angled connection enables multi-row arrangement on the PCB
• Quick and convenient testing using integrated test option
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1751516

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751510 PHOENIX-1751510 Datasheet
153Kb / 5P
MKKDS 1/14-3,5
logo
Weidmuller
1751510000 WEIDMULLER-1751510000 Datasheet
90Kb / 3P
BLIDCB 3.5/3F SN SW
1751510000 WEIDMULLER-1751510000 Datasheet
90Kb / 3P
BLIDCB 3.5/5F SN SW
logo
List of Unclassifed Man...
1751510B1 ETC2-1751510B1 Datasheet
59Kb / 2P
CORDSET - NORTH AMERICAN POWER SUPPLY CORD
More results


Similar Description - 1751516

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1743197 PHOENIX-1743197 Datasheet
81Kb / 5P
PCB terminal block - SPTA 1,5/11-3,81
1751477 PHOENIX-1751477 Datasheet
83Kb / 5P
PCB terminal block - SPTA 1,5/ 2-3,81
1751480 PHOENIX-1751480 Datasheet
83Kb / 5P
PCB terminal block - SPTA 1,5/ 3-3,81
1751493 PHOENIX-1751493 Datasheet
149Kb / 7P
PCB terminal block - SPTA 1,5/ 4-3,81
1751503 PHOENIX-1751503 Datasheet
81Kb / 5P
PCB terminal block - SPTA 1,5/ 5-3,81
1751529 PHOENIX-1751529 Datasheet
81Kb / 5P
PCB terminal block - SPTA 1,5/ 8-3,81
1751532 PHOENIX-1751532 Datasheet
81Kb / 5P
PCB terminal block - SPTA 1,5/ 9-3,81
1751545 PHOENIX-1751545 Datasheet
81Kb / 5P
PCB terminal block - SPTA 1,5/10-3,81
1743184 PHOENIX-1743184 Datasheet
460Kb / 11P
PCB terminal block - SPTA 1,5/ 7-3,81
1071183 PHOENIX-1071183 Datasheet
368Kb / 11P
SPTA-THR 1,5/ 6-3,81 R44 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com