Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1754856 Datasheet (PDF) - PHOENIX CONTACT

1754856 Datasheet PDF - PHOENIX CONTACT
Part # 1754856
Download  1754856 Download
File Size   1222.41 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - FKCN 2,5/ 8-STF-5,08

1754856 Datasheet (PDF)

Go To PDF Page Download Datasheet
1754856 Datasheet PDF - PHOENIX CONTACT

Part # 1754856
Download  1754856 Click to download

File Size   1222.41 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - FKCN 2,5/ 8-STF-5,08

1754856 Datasheet (HTML) - PHOENIX CONTACT


1754856 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Female connector, number of
potentials: 8, number of rows: 1, number of positions: 8, number of connections: 8, product
range: FKCN 2,5/..-STF, pitch: 5.08 mm, connection method: Push-in spring connection,
conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON
MSTB 2,5, locking: Screw locking, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive use through colour coded actuation lever
• Extremely small design for the respective conductor cross section
• Screwable flange for superior mechanical stability
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1754856

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754850 PHOENIX-1754850 Datasheet
148Kb / 5P
MSTB 2,5/23-G
1754850 PHOENIX-1754850 Datasheet
144Kb / 6P
MSTB 2,5/23-ST
More results


Similar Description - 1754856

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754791 PHOENIX-1754791 Datasheet
69Kb / 4P
Printed-circuit board connector - FKCN 2,5/ 2-STF-5,08
1754924 PHOENIX-1754924 Datasheet
254Kb / 14P
Printed-circuit board connector - FKCN 2,5/15-STF-5,08
09/12/2020
1754937 PHOENIX-1754937 Datasheet
254Kb / 14P
Printed-circuit board connector - FKCN 2,5/16-STF-5,08
09/12/2020
1732962 PHOENIX-1732962 Datasheet
704Kb / 20P
PCB connector - FKCN 2,5/ 2-STF
1754830 PHOENIX-1754830 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 6-STF-5,08
1754869 PHOENIX-1754869 Datasheet
1Mb / 21P
PCB connector - FKCN 2,5/ 9-STF-5,08
1971125 PHOENIX-1971125 Datasheet
726Kb / 17P
PCB connector - SMSTB 2,5/ 8-STF-5,08
1733042 PHOENIX-1733042 Datasheet
679Kb / 19P
FKCN 2,5/10-STF - PCB connector
1733097 PHOENIX-1733097 Datasheet
678Kb / 19P
FKCN 2,5/16-STF - PCB connector
1733039 PHOENIX-1733039 Datasheet
658Kb / 18P
FKCN 2,5/ 9-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com