Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1765030 Datasheet (PDF) - PHOENIX CONTACT

1765030 Datasheet PDF - PHOENIX CONTACT
Part # 1765030
Download  1765030 Download
File Size   617.57 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DIN rail connector - MSTBHK 2,5/10-G-5,08

1765030 Datasheet (PDF)

Go To PDF Page Download Datasheet
1765030 Datasheet PDF - PHOENIX CONTACT

Part # 1765030
Download  1765030 Click to download

File Size   617.57 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DIN rail connector - MSTBHK 2,5/10-G-5,08

1765030 Datasheet (HTML) - PHOENIX CONTACT


1765030 Product details

DIN rail connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials:
10, number of rows: 1, number of positions: 10, number of connections: 10, product range:
MSTBHK 2,5/..-G, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: DIN rail, conductor/PCB connection direction: 0 °, number
of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Direct plug-in block for mounting on NS 15 DIN rail
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1765030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1765010C3 ETC2-1765010C3 Datasheet
65Kb / 2P
CORDSET - NORTH AMERICAN SHIELDED POWER SUPPLY CORD
logo
PHOENIX CONTACT
1765027 PHOENIX-1765027 Datasheet
96Kb / 2P
MSTBH 2,5/10-G
1765085 PHOENIX-1765085 Datasheet
142Kb / 6P
MSTB 2,5/10-ST
1765085 PHOENIX-1765085 Datasheet
171Kb / 6P
MVSTBR 2,5/10-ST
1765085 PHOENIX-1765085 Datasheet
151Kb / 6P
MVSTBW 2,5/10-ST
More results


Similar Description - 1765030

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755817 PHOENIX-1755817 Datasheet
152Kb / 6P
MSTBVA 2,5/10-G-5,08
1758092 PHOENIX-1758092 Datasheet
151Kb / 6P
MSTBV 2,5/10-G-5,08
1759091 PHOENIX-1759091 Datasheet
151Kb / 6P
MSTB 2,5/10-G-5,08
1788800 PHOENIX-1788800 Datasheet
162Kb / 10P
DIN rail connector - MSTBVK 2,5/10-G-5,08
09/12/2020
1788198 PHOENIX-1788198 Datasheet
620Kb / 17P
DIN rail connector - UMSTBVK 2,5/10-G-5,08
Sep 8, 2022
1787940 PHOENIX-1787940 Datasheet
724Kb / 18P
DIN rail connector - UMSTBVK 2,5/ 4-GF-5,08
Jan 3, 2023
1788279 PHOENIX-1788279 Datasheet
541Kb / 15P
DIN rail connector - UMSTBVK 2,5/18-G-5,08
Jan 3, 2023
1788897 PHOENIX-1788897 Datasheet
434Kb / 14P
DIN rail connector - MSTBVK 2,5/19-G-5,08
1788842 PHOENIX-1788842 Datasheet
568Kb / 19P
MSTBVK 2,5/14-G-5,08 - DIN rail connector
1803015 PHOENIX-1803015 Datasheet
418Kb / 13P
MSTBVK 2,5/ 8-GF-5,08 - DIN rail connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com