Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1787982 Datasheet (PDF) - PHOENIX CONTACT

1787982 Datasheet PDF - PHOENIX CONTACT
Part # 1787982
Download  1787982 Download
File Size   724.79 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DIN rail connector - UMSTBVK 2,5/ 8-GF-5,08

1787982 Datasheet (PDF)

Go To PDF Page Download Datasheet
1787982 Datasheet PDF - PHOENIX CONTACT

Part # 1787982
Download  1787982 Click to download

File Size   724.79 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DIN rail connector - UMSTBVK 2,5/ 8-GF-5,08

1787982 Datasheet (HTML) - PHOENIX CONTACT


1787982 Product details

DIN rail connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Male connector, number of potentials:
8, number of rows: 1, number of positions: 8, number of connections: 8, product range:
UMSTBVK 2,5/..-GF, pitch: 5.08 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: DIN rail, conductor/PCB connection direction: 0 °, number
of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector pattern
alignment: Standard, locking: Screw locking, mounting: Threaded flange, type of packaging:
packed in cardboard

Your advantages
• Direct plug-in block with universal foot for mounting on NS 32 or NS 35 DIN rail
• Can be combined with the MSTB 2,5 range
• Screwable flange for superior mechanical stability
• Well-known connection principle allows worldwide use




Similar Part No. - 1787982

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1787924 PHOENIX-1787924 Datasheet
150Kb / 6P
MSTB 2,5/ 2-STF-5,08
1787924 PHOENIX-1787924 Datasheet
140Kb / 6P
FKCS 2,5/ 4-STF-5,08
1787924 PHOENIX-1787924 Datasheet
132Kb / 6P
FKCS 2,5/ 6-STF-5,08
1787924 PHOENIX-1787924 Datasheet
132Kb / 6P
FKCS 2,5/ 8-STF-5,08
1787924 PHOENIX-1787924 Datasheet
132Kb / 6P
FKCS 2,5/10-STF-5,08
More results


Similar Description - 1787982

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1787940 PHOENIX-1787940 Datasheet
724Kb / 18P
DIN rail connector - UMSTBVK 2,5/ 4-GF-5,08
Jan 3, 2023
1788279 PHOENIX-1788279 Datasheet
541Kb / 15P
DIN rail connector - UMSTBVK 2,5/18-G-5,08
Jan 3, 2023
1787953 PHOENIX-1787953 Datasheet
727Kb / 18P
DIN rail connector - UMSTBVK 2,5/ 5-GF-5,08
1788020 PHOENIX-1788020 Datasheet
727Kb / 18P
DIN rail connector - UMSTBVK 2,5/12-GF-5,08
1787966 PHOENIX-1787966 Datasheet
727Kb / 18P
DIN rail connector - UMSTBVK 2,5/ 6-GF-5,08
1833959 PHOENIX-1833959 Datasheet
474Kb / 13P
UMSTBVK 2,5/16-ST-5,08 - DIN rail connector
1787979 PHOENIX-1787979 Datasheet
727Kb / 18P
UMSTBVK 2,5/ 7-GF-5,08 - DIN rail connector
1788091 PHOENIX-1788091 Datasheet
665Kb / 16P
UMSTBVK 2,5/19-GF-5,08 - DIN rail connector
1788101 PHOENIX-1788101 Datasheet
666Kb / 16P
UMSTBVK 2,5/20-GF-5,08 - DIN rail connector
1803015 PHOENIX-1803015 Datasheet
418Kb / 13P
MSTBVK 2,5/ 8-GF-5,08 - DIN rail connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com