Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1789203 Datasheet (PDF) - PHOENIX CONTACT

1789203 Datasheet PDF - PHOENIX CONTACT
Part # 1789203
Download  1789203 Download
File Size   738.47 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MC 1,5/ 4-GF-3,5 P26 THR

1789203 Datasheet (PDF)

Go To PDF Page Download Datasheet
1789203 Datasheet PDF - PHOENIX CONTACT

Part # 1789203
Download  1789203 Click to download

File Size   738.47 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB header - MC 1,5/ 4-GF-3,5 P26 THR

1789203 Datasheet (HTML) - PHOENIX CONTACT


1789203 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, type of contact: Male connector, number of potentials: 4,
number of rows: 1, number of positions: 4, number of connections: 4, product range: MC 1,5/..-
GF-THR, pitch: 3.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2.6
mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: Screw locking, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1789203

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
1789205132 WURTH-1789205132 Datasheet
2Mb / 31P
5V / 1W / 3kV Functional Isolated Unregulated 5V Output
version 1.0 September 2022
1789205X1 WURTH-1789205X1 Datasheet
953Kb / 24P
FISM – Fixed Isolated SIP Module 3.3V – 24V / 1W / 1kV functional isolated unregulated 5V Output
Rev. 1.1
1789205X4 WURTH-1789205X4 Datasheet
178Kb / 1P
EVAL Board f체r MagI쨀C FISM 1789205X4
More results


Similar Description - 1789203

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1788521 PHOENIX-1788521 Datasheet
388Kb / 12P
MC 1,5/ 3-G-3,5 P26 THR
1788628 PHOENIX-1788628 Datasheet
402Kb / 12P
MC 1,5/ 8-G-3,5 P26 THR
1779064 PHOENIX-1779064 Datasheet
262Kb / 11P
MCV 1,5/ 2-GF-3,5 P26 THR
1789245 PHOENIX-1789245 Datasheet
104Kb / 4P
Printed-circuit board connector - MC 1,5/ 6-GF-3,5 P26 THR
1788563 PHOENIX-1788563 Datasheet
790Kb / 16P
PCB header - MC 1,5/ 5-G-3,5 P26 THR
Nov 30, 2022
1843868 PHOENIX-1843868 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 9-GF-3,5
Nov 30, 2022
1843826 PHOENIX-1843826 Datasheet
791Kb / 18P
PCB header - MC 1,5/ 5-GF-3,5
1789229 PHOENIX-1789229 Datasheet
741Kb / 16P
MC 1,5/ 5-GF-3,5 P26 THR - PCB header
1789423 PHOENIX-1789423 Datasheet
591Kb / 11P
MC 1,5/ 4-GF-3,5 P20 THR - PCB header
1713373 PHOENIX-1713373 Datasheet
488Kb / 12P
MC 1,5/16-GF-3,5 P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com