Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1893685 Datasheet (PDF) - PHOENIX CONTACT

1893685 Datasheet PDF - PHOENIX CONTACT
Part # 1893685
Download  1893685 Download
File Size   452.85 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - ZEC 1,0/ 2-ST-3,5 C1 R1

1893685 Datasheet (PDF)

Go To PDF Page Download Datasheet
1893685 Datasheet PDF - PHOENIX CONTACT

Part # 1893685
Download  1893685 Click to download

File Size   452.85 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Printed-circuit board connector - ZEC 1,0/ 2-ST-3,5 C1 R1

1893685 Datasheet (HTML) - PHOENIX CONTACT


1893685 Product details

PCB direct plug, nominal cross section: 1 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 200 V, contact surface: Tin, type of contact: Female connector, number of potentials: 2,
number of rows: 1, number of positions: 2, number of connections: 2, product range: ZEC 1,0/..-
ST, pitch: 3.5 mm, connection method: Spring-cage connection, mounting: Direct plug-in
method, conductor/PCB connection direction: 0 °, plug-in system: ZEC, locking: Snap-in locking,
mounting: Self-locking flange, type of packaging: packed in cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Inexpensive direct plug-in connection with just one component
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Plug-in direction parallel to the PCB




Similar Part No. - 1893685

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18936 ATOM-18936 Datasheet
295Kb / 2P
AT9476
31st of January 2025 05:59:03
logo
Festo Corporation.
189360 FESTO-189360 Datasheet
80Kb / 1P
Vacuum suction cup
6/19/22
189361 FESTO-189361 Datasheet
88Kb / 1P
Vacuum suction cup
6/19/22
189362 FESTO-189362 Datasheet
88Kb / 1P
Vacuum suction cup
6/10/22
189363 FESTO-189363 Datasheet
90Kb / 1P
Vacuum suction cup
6/10/22
More results


Similar Description - 1893685

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1712458 PHOENIX-1712458 Datasheet
79Kb / 4P
Printed-circuit board connector - ZEC 1,0/ 4-ST-3,5 C1 R1,4 AU
1916588 PHOENIX-1916588 Datasheet
43Kb / 3P
Printed-circuit board connector - ZEC 1,0/ 4-ST-3,5 C3 R0,0
1893708 PHOENIX-1893708 Datasheet
114Kb / 6P
Printed-circuit board connector - ZEC 1,0/ 4-ST-3,5 C1 R1,4
1992298 PHOENIX-1992298 Datasheet
42Kb / 2P
Printed-circuit board connector - ZEC 1,0/ 2-ST-3,5 C1 R1GYNZ108
1774658 PHOENIX-1774658 Datasheet
80Kb / 3P
Printed-circuit board connector - ZEC 1,0/ 8-ST-3,5 C4R1,8YEBD
11/04/2018
1893753 PHOENIX-1893753 Datasheet
113Kb / 6P
Printed-circuit board connector - ZEC 1,0/ 9-ST-3,5 C1 R1,9
09/12/2020
1915657 PHOENIX-1915657 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 2-LPV-3,5 C1
09/12/2020
1915686 PHOENIX-1915686 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 5-LPV-3,5 C1
09/12/2020
1915699 PHOENIX-1915699 Datasheet
100Kb / 5P
PCB connector - ZEC 1,0/ 6-LPV-3,5 C1
09/12/2020
1893782 PHOENIX-1893782 Datasheet
469Kb / 12P
Printed-circuit board connector - ZEC 1,0/12-ST-3,5 C1 R1,12
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com