Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1912294 Datasheet (PDF) - PHOENIX CONTACT

1912294 Datasheet PDF - PHOENIX CONTACT
Part # 1912294
Download  1912294 Download
File Size   397.52 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MVSTBR 2,5 HC/ 2-ST

1912294 Datasheet (PDF)

Go To PDF Page Download Datasheet
1912294 Datasheet PDF - PHOENIX CONTACT

Part # 1912294
Download  1912294 Click to download

File Size   397.52 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB connector - MVSTBR 2,5 HC/ 2-ST

1912294 Datasheet (HTML) - PHOENIX CONTACT


1912294 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A (see
derating curve), rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Female
connector, number of potentials: 2, number of rows: 1, number of positions: 2, number of
connections: 2, product range: MVSTBR 2,5 HC/..-ST, pitch: 5 mm, connection method: Screw
connection with tension sleeve, screw head form: L Slotted, conductor/PCB connection direction:
90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5 HC, locking: without,
mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations




Similar Part No. - 1912294

ManufacturerPart #DatasheetDescription
logo
Lapp.
19122000 LAPP-19122000 Datasheet
141Kb / 2P
EPIC® H-B 24 TGB
17.09.2018
logo
PHOENIX CONTACT
1912207 PHOENIX-1912207 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 4-STF-5,08
Jul 20, 2022
1912210 PHOENIX-1912210 Datasheet
189Kb / 10P
Printed-circuit board connector - MSTB 2,5 HC/ 5-STF-5,08
1912223 PHOENIX-1912223 Datasheet
90Kb / 5P
Printed-circuit board connector - MSTB 2,5 HC/ 6-STF-5,08
1912236 PHOENIX-1912236 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 7-STF-5,08
Jul 21, 2022
More results


Similar Description - 1912294

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792016 PHOENIX-1792016 Datasheet
172Kb / 6P
MVSTBR 2,5/ 2-ST
1912621 PHOENIX-1912621 Datasheet
321Kb / 11P
PCB connector - MVSTBR 2,5 HC/ 2-STF-5,08
Dec 30, 2022
1912304 PHOENIX-1912304 Datasheet
383Kb / 12P
PCB connector - MVSTBR 2,5 HC/ 3-ST
1912317 PHOENIX-1912317 Datasheet
383Kb / 12P
PCB connector - MVSTBR 2,5 HC/ 4-ST
1912375 PHOENIX-1912375 Datasheet
383Kb / 12P
PCB connector - MVSTBR 2,5 HC/10-ST
1912443 PHOENIX-1912443 Datasheet
398Kb / 12P
PCB connector - MVSTBR 2,5 HC/ 6-ST-5,08
1912414 PHOENIX-1912414 Datasheet
411Kb / 15P
MVSTBR 2,5 HC/ 3-ST-5,08 - PCB connector
1912320 PHOENIX-1912320 Datasheet
539Kb / 15P
MVSTBR 2,5 HC/ 5-ST - PCB connector
1912498 PHOENIX-1912498 Datasheet
394Kb / 15P
MVSTBR 2,5 HC/11-ST-5,08 - PCB connector
1912362 PHOENIX-1912362 Datasheet
523Kb / 15P
MVSTBR 2,5 HC/ 9-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com