Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3274012 Datasheet (PDF) - PHOENIX CONTACT

3274012 Datasheet PDF - PHOENIX CONTACT
Part # 3274012
Download  3274012 Download
File Size   470.47 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/12X4-G BU

3274012 Datasheet (PDF)

Go To PDF Page Download Datasheet
3274012 Datasheet PDF - PHOENIX CONTACT

Part # 3274012
Download  3274012 Click to download

File Size   470.47 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 10/12X4-G BU

3274012 Datasheet (HTML) - PHOENIX CONTACT


3274012 Product details

Distribution block, bridged internally, nom. voltage: 450 V, nominal current: 32 A, connection
method: Push-in connection, Load contact, cross section: 0.2 mm2 - 6 mm2, Push-in connection,
Line contact, Rated cross section: 10 mm2, cross section: 0.5 mm2 - 10 mm2, mounting type:
adhesive, color: blue

Your advantages
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3274012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274010 PHOENIX-3274010 Datasheet
474Kb / 19P
Distribution block - PTFIX 10/12X4-G GY
Jun 22, 2022
3274014 PHOENIX-3274014 Datasheet
470Kb / 18P
Distribution block - PTFIX 10/12X4-G RD
Nov 30, 2022
3274016 PHOENIX-3274016 Datasheet
471Kb / 18P
Distribution block - PTFIX 10/12X4-G YE
Jul 29, 2022
3274018 PHOENIX-3274018 Datasheet
469Kb / 18P
Distribution block - PTFIX 10/12X4-G GN
Jul 29, 2022
More results


Similar Description - 3274012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273946 PHOENIX-3273946 Datasheet
68Kb / 4P
Distribution block - PTFIX 12X4-G BU
3274028 PHOENIX-3274028 Datasheet
126Kb / 11P
Distribution block - PTFIX 10/12X4-G OG
09/12/2020
3273616 PHOENIX-3273616 Datasheet
479Kb / 20P
Distribution block - PTFIX 10/12X4-NS35 BU
Jun 29, 2022
3273748 PHOENIX-3273748 Datasheet
481Kb / 20P
Distribution block - PTFIX 10/12X4-NS35A BU
Jun 13, 2022
3273814 PHOENIX-3273814 Datasheet
557Kb / 22P
Distribution block - PTFIX 12X4 BU
Jun 22, 2022
3273880 PHOENIX-3273880 Datasheet
549Kb / 22P
Distribution block - PTFIX 10/12X4 BU
Jun 13, 2022
3274026 PHOENIX-3274026 Datasheet
469Kb / 18P
Distribution block - PTFIX 10/12X4-G VT
Jul 29, 2022
3274027 PHOENIX-3274027 Datasheet
468Kb / 18P
Distribution block - PTFIX 10/12X4-G PK
Jul 29, 2022
3274014 PHOENIX-3274014 Datasheet
470Kb / 18P
Distribution block - PTFIX 10/12X4-G RD
Nov 30, 2022
3274020 PHOENIX-3274020 Datasheet
469Kb / 18P
Distribution block - PTFIX 10/12X4-G BN
Jul 29, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com