Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3274134 Datasheet (PDF) - PHOENIX CONTACT

3274134 Datasheet PDF - PHOENIX CONTACT
Part # 3274134
Download  3274134 Download
File Size   622.58 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X2,5-NS15A WH

3274134 Datasheet (PDF)

Go To PDF Page Download Datasheet
3274134 Datasheet PDF - PHOENIX CONTACT

Part # 3274134
Download  3274134 Click to download

File Size   622.58 Kbytes
Page   29 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Distribution block - PTFIX 12X2,5-NS15A WH

3274134 Datasheet (HTML) - PHOENIX CONTACT


3274134 Product details

Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Block with horizontal alignment, nom. voltage:
690 V, nominal current: 24 A, connection method: Push-in connection, cross section: 0.14 mm2 -
4 mm2, mounting type: NS 15, color: white

Your advantages
• Clear wiring, thanks to eleven different color variants
• Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
• Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
• Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
• Space savings of up to 50% on the DIN rail, thanks to transverse mounting




Similar Part No. - 3274134

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274130 PHOENIX-3274130 Datasheet
620Kb / 28P
Distribution block - PTFIX 12X2,5-NS15A GN
Jul 20, 2022
3274132 PHOENIX-3274132 Datasheet
171Kb / 15P
Distribution block - PTFIX 12X2,5-NS15A BN
09/12/2020
3274136 PHOENIX-3274136 Datasheet
623Kb / 29P
Distribution block - PTFIX 12X2,5-NS15A BK
Jun 22, 2022
3274138 PHOENIX-3274138 Datasheet
171Kb / 15P
Distribution block - PTFIX 12X2,5-NS15A VT
09/12/2020
3274139 PHOENIX-3274139 Datasheet
619Kb / 28P
Distribution block - PTFIX 12X2,5-NS15A PK
Jul 29, 2022
More results


Similar Description - 3274134

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3274132 PHOENIX-3274132 Datasheet
171Kb / 15P
Distribution block - PTFIX 12X2,5-NS15A BN
09/12/2020
3274138 PHOENIX-3274138 Datasheet
171Kb / 15P
Distribution block - PTFIX 12X2,5-NS15A VT
09/12/2020
3274142 PHOENIX-3274142 Datasheet
173Kb / 15P
Distribution block - PTFIX 12X2,5-NS15A-FE
09/12/2020
3273298 PHOENIX-3273298 Datasheet
705Kb / 31P
Distribution block - PTFIX 12X2,5 WH
Jun 2, 2022
3274126 PHOENIX-3274126 Datasheet
624Kb / 29P
Distribution block - PTFIX 12X2,5-NS15A RD
Jun 22, 2022
3274140 PHOENIX-3274140 Datasheet
626Kb / 29P
Distribution block - PTFIX 12X2,5-NS15A OG
Jun 24, 2022
3274124 PHOENIX-3274124 Datasheet
625Kb / 29P
Distribution block - PTFIX 12X2,5-NS15A BU
Jun 23, 2022
3274200 PHOENIX-3274200 Datasheet
916Kb / 39P
Distribution block - PTFIX 6/12X2,5-NS15A WH
Jun 24, 2022
3274128 PHOENIX-3274128 Datasheet
617Kb / 27P
Distribution block - PTFIX 12X2,5-NS15A YE
Jul 20, 2022
3274130 PHOENIX-3274130 Datasheet
620Kb / 28P
Distribution block - PTFIX 12X2,5-NS15A GN
Jul 20, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com