Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CO324 Datasheet (PDF) - Ceramate Technical

CO324 Datasheet PDF - Ceramate Technical
Part # CO324
Download  CO324 Download
File Size   455.63 Kbytes
Page   5 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description Quad Ground Sense Operational Amplifier

CO324 Datasheet (PDF)

Go To PDF Page Download Datasheet
CO324 Datasheet PDF - Ceramate Technical

Part # CO324
Download  CO324 Click to download

File Size   455.63 Kbytes
Page   5 Pages
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical
Description Quad Ground Sense Operational Amplifier

CO324 Datasheet (HTML) - Ceramate Technical


CO324 Product details

The CO324 is monolithic IC with four built-in operational amplifiers featuring internal phase compensation.
Either a dual or single power supply can be driven, and these products can be driven by a digital system 5V single power supply. These products can be used in a wide range of administrative and industrial applications, including transducer amplifiers and DC amplifiers.
   
Features
1) Wide range of operating power supply voltages and
    single power supply drive enabled.
    (single power supply: 3 to 30V, dual power supply: ±
    1.5 to ± 15V)
2) Common-mode input voltage can be operated from
    the ground level.
3) Differential input voltage can be operated up to the
    power supply voltage level.
4) Low current dissipation. (IQ = 0.6mA)
5) Low offset voltage and offset current. (VIO = 2mV, IIO
    = 5nA typ.)
6) Four operational amplifiers with phase
    compensation are built into the DIP / SOP Pin 14.
7) Compatible with model 324 operational amplifiers of
    other manufacturers.
   
Applications
    Ground sensing type pre-amplifiers
    Active filters
    DC amplifiers
    Pulse generators.
   




Similar Part No. - CO324

ManufacturerPart #DatasheetDescription
logo
Suzhou HangJing Electro...
CO32C6 HANGJING-CO32C6 Datasheet
303Kb / 1P
OSCILLATOR UNIT WITH HCSL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32D6 HANGJING-CO32D6 Datasheet
323Kb / 1P
OSCILLATOR UNIT WITH LVDS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32H4 HANGJING-CO32H4 Datasheet
428Kb / 1P
OSCILLATOR UNIT WITH CMOS OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
CO32P6 HANGJING-CO32P6 Datasheet
303Kb / 1P
OSCILLATOR UNIT WITH LVPECL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
More results


Similar Description - CO324

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324A ROHM-BA10324A Datasheet
61Kb / 5P
Quad ground sense operational
BA10358 ROHM-BA10358 Datasheet
63Kb / 5P
Dual ground sense operational amplifier
logo
Fairchild Semiconductor
RC3403A FAIRCHILD-RC3403A Datasheet
427Kb / 10P
Ground Sensing Quad Operational Amplifier
logo
Rohm
BA2902F ROHM-BA2902F Datasheet
325Kb / 6P
GROUND SENSE QUAD OPERATIONAL AMPLIFIERS
BA10324AF ROHM-BA10324AF Datasheet
266Kb / 5P
GROUND SENSE QUAD OPERATIONAL AMPLIFIERS
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
Ground Sense Operational Amplifiers
TLR341G ROHM-TLR341G_16 Datasheet
4Mb / 55P
Low Voltage Operation Ground Sense Operational Amplifier
TLR341G ROHM-TLR341G_V01 Datasheet
4Mb / 54P
Low Voltage Operation Ground Sense Operational Amplifier
03.Feb.2016 Rev.004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com