Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9168 Datasheet (PDF) - Renesas Technology Corp

DA9168 Datasheet PDF - Renesas Technology Corp
Part # DA9168
Download  DA9168 Download
File Size   1415.07 Kbytes
Page   93 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-Cell, 1.5 A Battery Charger PMIC with 20 mA Termination, Ultra-Low IQ Reverse Boost, and I2C

DA9168 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9168 Datasheet PDF - Renesas Technology Corp

Part # DA9168
Download  DA9168 Click to download

File Size   1415.07 Kbytes
Page   93 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-Cell, 1.5 A Battery Charger PMIC with 20 mA Termination, Ultra-Low IQ Reverse Boost, and I2C

DA9168 Datasheet (HTML) - Renesas Technology Corp


DA9168 Product details

General Description
DA9168 is a configurable Battery Management IC (BMIC) with integrated dual LDOs and reverse boost to support USB-OTG. The extremely low quiescent current consumption in a very compact footprint makes it ideally suited for a multitude of space conscious, battery powered consumer applications. The fast-growing hearable segment for True Wireless Stereo (TWS), wearable segment for smart watches, and a range of smart home applications such as smart cameras are examples where the DA9168 is an extremely good fit.
The device comprises a high-efficiency switch mode charger with power path management capable of supporting up to 1.5 A charge current, dual LDOs that can be configured as load switches, and high-efficiency reverse boost functionality.
DA9168 has several power saving modes to increase battery life whether the product sits on the shelf or is in operation. Further savings in power are achieved with the ultra-low IQ reverse boost converter that is efficient down to 60 μA load currents with low power LDOs.

Key Features
■ High-efficiency, synchronous switch mode
buck charger
□ 92 % charge efficiency at 0.5 A
□ Pulse frequency modulation (PFM) mode
for light load operations
■ Reverse current mode from VMID to VBUS
□ Reverse boost with up to 0.7 A output
□ 90% reverse boost efficiency at 1 mA to
10 mA; 95 % reverse boost efficiency at
10 mA to 100 mA output
□ PFM mode for light load operations
■ Single input to support USB input and high
voltage adapters
□ Supports 4.0 V to 10.0 V input voltage
□ Programmable input current limit (IINDPM)
with I2C (100 mA to 2.5 A, 100 mA/step) to
support USB 2.0, USB 3.0 standards and
high voltage adaptors
□ Programmable input voltage limit
(VINDPM) range 3.8 V to 4.8 V
■ Flexible I2C configuration and autonomous
charging for optimal system performance
■ Integrates two LDOs / load switches
□ LDO output range 1.6 V to 5.2 V, 350 mA
max load
□ Load switch 350 mA max load
■ High integration includes all MOSFETs,
current sensing, and loop compensation
■ Low RDS_ON < 19 mΩ (typ) BATFET to extend
battery life
□ BATFET control to support Ship mode,
wake up and full system reset
■ 15 μA low battery leakage current with system
voltage standby
■ 0.1 μA (typ) leakage current in Ship mode
■ High accuracy battery charging profile
■ High integration and configurability
□ I2C enabled battery temperature monitors
□ Watchdog feature and power cycling to
prevent system stall
□ Reset input and Interrupt (INT_N) outputs
□ Compact, 30 pin, 2.5 mm x 2.1 mm x
0.4 mm WLCSP package
■ Fast charge
□ Max 1500 mA, min 20 mA charge current
□ Programmable pre-charge, fast charge,
and termination voltage
□ Dynamic power path balances
□ ±0.5 % accurate termination voltage
■ ±5 % charge current regulation
Applications
■ Wearable devices - fitness trackers, smart
watches, wireless headphones
■ Home automation devices - smoke detectors,
smart thermostats, smart door locks
■ Health monitoring medical accessories
■ Rechargeable toys
■ High efficiency, ultra-low power applications




Similar Part No. - DA9168

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9121 DIALOG-DA9121 Datasheet
1Mb / 50P
High-Performance, 10 A, Dual-Phase DC-DC Converter
logo
Renesas Technology Corp
DA9121 RENESAS-DA9121 Datasheet
1Mb / 53P
High-Performance, 10 A, Dual-Phase DC-DC Converter
15-Feb-2022
logo
Dialog Semiconductor
DA9121-B0OZ2 DIALOG-DA9121-B0OZ2 Datasheet
1Mb / 50P
High-Performance, 10 A, Dual-Phase DC-DC Converter
DA9121-B0V72 DIALOG-DA9121-B0V72 Datasheet
1Mb / 50P
High-Performance, 10 A, Dual-Phase DC-DC Converter
DA9121-B0V76 DIALOG-DA9121-B0V76 Datasheet
1Mb / 50P
High-Performance, 10 A, Dual-Phase DC-DC Converter
More results


Similar Description - DA9168

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25619 TI1-BQ25619 Datasheet
585Kb / 55P
BQ25619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25619 TI1-BQ25619_V01 Datasheet
2Mb / 59P
BQ25619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25618 TI1-BQ25618 Datasheet
2Mb / 64P
BQ25618/619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25611D TI1-BQ25611D Datasheet
1Mb / 57P
BQ25611D I2C Controlled 1-Cell 3.0-A Buck Battery Charger with USB Detection and 1.2-A Boost Operation
BQ25619E TI-BQ25619E Datasheet
2Mb / 58P
BQ25619E I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination Current
BQ25618E TI-BQ25618E Datasheet
2Mb / 64P
BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
logo
Maxim Integrated Produc...
MAX14745 MAXIM-MAX14745 Datasheet
1Mb / 67P
PMIC with Ultra Low IQ Voltage Regulators and Battery Charger for Small Lithium Ion Systems
Rev 22; 9/20
MAX20303 MAXIM-MAX20303_V01 Datasheet
3Mb / 151P
PMIC with Ultra Low IQ Voltage Regulators, Battery Charger and Fuel Gauge for Small Lithium Ion Systems
2020
MAX14690 MAXIM-MAX14690_V01 Datasheet
807Kb / 47P
PMIC with Ultra-Low IQ Voltage Regulators and Battery Charger for Small Lithium Ion Systems
2020
logo
Texas Instruments
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com