Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9205 Datasheet (PDF) - Renesas Technology Corp

ISL9205 Datasheet PDF - Renesas Technology Corp
Part # ISL9205
Download  ISL9205 Download
File Size   788.75 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Li-ion Battery Charger

ISL9205 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9205 Datasheet PDF - Renesas Technology Corp

Part # ISL9205
Download  ISL9205 Click to download

File Size   788.75 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Li-ion Battery Charger

ISL9205 Datasheet (HTML) - Renesas Technology Corp


ISL9205 Product details

Features
• Complete charger for single-cell Li-ion/polymer batteries
• Integrated pass element and current sensor
• No external blocking diode required
• Low component count and cost
• 25mV voltage accuracy over-temperature and input voltage
range
• 15mV voltage accuracy at room temperature
• Programmable charge current
• Programmable end-of-charge current (ISL9205)
• Charge current thermal foldback for thermal protection
(Thermaguard)
• Trickle charge for fully discharged batteries
• Power presence and charge indications
• NTC interface (not available in some package options)
• Less than 3μA leakage current off the battery when no input
power attached or charger disabled
• Ambient temperature range: -40°C to +85°C
• DFN, QFN packages
• Pb-free (RoHS compliant)
Applications
• Mobile phones
• Bluetooth devices
• PDAs
• MP3 players
• Stand-alone cradle or travel chargers
• Other handheld devices




Similar Part No. - ISL9205

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205 INTERSIL-ISL9205 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205 INTERSIL-ISL9205 Datasheet
514Kb / 14P
Li-ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
Li-ion Battery Charger
logo
Intersil Corporation
ISL9205 INTERSIL-ISL9205 Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205A RENESAS-ISL9205A Datasheet
828Kb / 17P
Li-ion Battery Charger
More results


Similar Description - ISL9205

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205 INTERSIL-ISL9205 Datasheet
514Kb / 14P
Li-ion Battery Charger
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
Li-ion Battery Charger
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com