Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPF023N08NF2S Datasheet (PDF) - Infineon Technologies AG

IPF023N08NF2S Datasheet PDF - Infineon Technologies AG
Part # IPF023N08NF2S
Download  IPF023N08NF2S Download
File Size   961.47 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description StrongIRFETTM 2 Power-Transistor

IPF023N08NF2S Datasheet (PDF)

Go To PDF Page Download Datasheet
IPF023N08NF2S Datasheet PDF - Infineon Technologies AG

Part # IPF023N08NF2S
Download  IPF023N08NF2S Click to download

File Size   961.47 Kbytes
Page   11 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description StrongIRFETTM 2 Power-Transistor

IPF023N08NF2S Datasheet (HTML) - Infineon Technologies AG


IPF023N08NF2S Product details

Features
• Optimized for a wide range of applications
• N-Channel, normal level
• 100% avalanche tested
• Pb-free lead plating; RoHS compliant
• Halogen-free according to IEC61249-2-21




Similar Part No. - IPF023N08NF2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPF021N13NM6 INFINEON-IPF021N13NM6 Datasheet
1Mb / 11P
MOSFET OptiMOSTM 6 Power-Transistor, 135 V
Rev. 2.0, 2023-10-16
IPF024N10NF2S INFINEON-IPF024N10NF2S Datasheet
965Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPF026N15NM6 INFINEON-IPF026N15NM6 Datasheet
1,013Kb / 12P
MOSFET OptiMOS™ 6 Power‑Transistor, 150 V
Revision 2.0 2024-04-16
More results


Similar Description - IPF023N08NF2S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA082N10NF2S INFINEON-IPA082N10NF2S Datasheet
1Mb / 10P
StrongIRFETTM 2 Power-Transistor
Rev.2.0,2021-03-16
IPP082N10NF2S INFINEON-IPP082N10NF2S Datasheet
1Mb / 11P
StrongIRFETTM 2 Power-Transistor
Rev.2.0,2020-12-18
IPP019N08NF2S INFINEON-IPP019N08NF2S Datasheet
1Mb / 11P
StrongIRFETTM 2 Power-Transistor
Rev.2.0,2020-12-18
IPB043N10NF2S INFINEON-IPB043N10NF2S Datasheet
973Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPB055N08NF2S INFINEON-IPB055N08NF2S Datasheet
958Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPD040N08NF2S INFINEON-IPD040N08NF2S Datasheet
920Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.2, 2022-10-10
IPD052N10NF2S INFINEON-IPD052N10NF2S Datasheet
917Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.2, 2022-10-10
IPF024N10NF2S INFINEON-IPF024N10NF2S Datasheet
965Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPF050N10NF2S INFINEON-IPF050N10NF2S Datasheet
966Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-09-23
IPT017N10NF2S INFINEON-IPT017N10NF2S Datasheet
1,000Kb / 11P
StrongIRFETTM 2 Power-Transistor
Rev. 2.0, 2022-08-04
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com