Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1706358 Datasheet (PDF) - PHOENIX CONTACT

1706358 Datasheet PDF - PHOENIX CONTACT
Part # 1706358
Download  1706358 Download
File Size   359.83 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDS 1,5/ 2-B-5,08 GNYE

1706358 Datasheet (PDF)

Go To PDF Page Download Datasheet
1706358 Datasheet PDF - PHOENIX CONTACT

Part # 1706358
Download  1706358 Click to download

File Size   359.83 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - MKDS 1,5/ 2-B-5,08 GNYE

1706358 Datasheet (HTML) - PHOENIX CONTACT


1706358 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 400 V, nominal cross section:
1.5 mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2, product
range: MKDS 1,5/..-B, pitch: 5.08 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection
direction: 0 °, color: green-yellow, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of
solder pins per potential: 1, type of packaging: packed in cardboard. Connections internally
jumpered

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Internal bridging for easily looping through potentials
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1706358

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706309 PHOENIX-1706309 Datasheet
54Kb / 4P
PCB terminal block - PTSA 1,5/ 7-3,5-Z MIX NZBD:1-7
1706312 PHOENIX-1706312 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 5-G-5,08THTABGYAUCD2
1706313 PHOENIX-1706313 Datasheet
442Kb / 11P
SPTA 1/27-3,5 - PCB terminal block
1706325 PHOENIX-1706325 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTB 2,5/ 5-G-5,08THTABGYAUCD4
1706337 PHOENIX-1706337 Datasheet
52Kb / 3P
MSTBT 2,5/ 3-ST YE
More results


Similar Description - 1706358

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706361 PHOENIX-1706361 Datasheet
132Kb / 6P
PCB terminal block - MKDS 1,5/ 3-B-5,08 GNYE
1706484 PHOENIX-1706484 Datasheet
111Kb / 7P
PCB terminal block - MKDS 3/ 3-B-5,08 GNYE
1707865 PHOENIX-1707865 Datasheet
79Kb / 5P
PCB terminal block - MKDS 1,5/ 3-B-5,08 BU
1715776 PHOENIX-1715776 Datasheet
56Kb / 5P
PCB terminal block - MKDS 1,5/ 2-5,08 BU
1718760 PHOENIX-1718760 Datasheet
55Kb / 4P
PCB terminal block - MKDS 1,5/ 2-5,08 BK
1868762 PHOENIX-1868762 Datasheet
71Kb / 5P
PCB terminal block - MKDS 1,5/ 3-B-5,08 BK
1988587 PHOENIX-1988587 Datasheet
56Kb / 4P
PCB terminal block - MKDS 1,5/ 2-5,08 RD
1706471 PHOENIX-1706471 Datasheet
395Kb / 10P
PCB terminal block - MKDS 3/ 2-B-5,08 GNYE
Jan 5, 2023
1707904 PHOENIX-1707904 Datasheet
363Kb / 10P
MKDS 3/ 2-B-5,08 - PCB terminal block
1868746 PHOENIX-1868746 Datasheet
364Kb / 10P
MKDS 1,5/ 3-B-5,08 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com