Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25154 Datasheet (PDF) - Alpha Wire

25154 Datasheet PDF - Alpha Wire
Part # 25154
Download  25154 Download
File Size   93.22 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

25154 Datasheet (PDF)

Go To PDF Page Download Datasheet
25154 Datasheet PDF - Alpha Wire

Part # 25154
Download  25154 Click to download

File Size   93.22 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

25154 Datasheet (HTML) - Alpha Wire


25154 Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 4 X 1 COND
a) Conductor 20 (7/28) AWG Tinned Copper 0.038
b) Insulation 0.016" Wall, Nom. PVC 0.070
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 3 WHITE
2 RED 4 GREEN
2) Cable Assembly 4 Components Cabled
a) Twists: 4.8 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 25%
Overlap, Min.
3) Shield: A/P/A Tape, 25% Overlap, Min.
a) Drain Wire 20 (7/28) AWG Tinned Copper
b) Braid Tinned Copper,70% Coverage, Nom.
4) Jacket
0.032" Wall, Nom.,Polyurethane
(TPU)
0.266 (0.277 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25154
XTRAGUARD(R) 2 RU AWM 20668 VW-1 OR CRU
AWM I/II A/B 90C 300 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)
* = Factory Code




Similar Part No. - 25154

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2515 KR-2515 Datasheet
23Kb / 2P
Lowpass Filter
logo
List of Unclassifed Man...
2515 ETC2-2515 Datasheet
474Kb / 7P
60 MHz (2511/2515) and 100 MHz (2512/2516) bandwidth
logo
Abbatron All Rights Res...
2515 ABBATRON-2515 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
2515 ADAFRUIT-2515 Datasheet
181Kb / 3P
Silicone Cover Stranded-Core Wire - 25ft 26AWG - Yellow
3/30/2016
logo
Mascot AS
2515 MASCOT-2515 Datasheet
293Kb / 1P
Programmable chargers for NiMH/NiCd batteries
More results


Similar Description - 25154

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com