Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N825A Datasheet (PDF) - NXP Semiconductors

1N825A Datasheet PDF - NXP Semiconductors
Part # 1N825A
Download  1N825A Download
File Size   28.82 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Voltage reference diodes

1N825A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N825A Datasheet PDF - NXP Semiconductors

Part # 1N825A
Download  1N825A Click to download

File Size   28.82 Kbytes
Page   5 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Voltage reference diodes

1N825A Datasheet (HTML) - NXP Semiconductors


1N825A Product details

DESCRIPTION
Voltage reference diode in a hermetically-sealed SOD68 (DO-34) glass package.

FEATURES
• Temperature compensated
• Reference voltage range: 5.89 to 6.51 V (typ. 6.20 V)
• Low temperature coefficient range: max. 0.0005 to 0.01 %/K.

APPLICATION
• Voltage reference sources in measuring instruments such as digital voltmeters.




Similar Part No. - 1N825A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N825A MOTOROLA-1N825A Datasheet
36Kb / 4P
TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
1N825A MOTOROLA-1N825A Datasheet
41Kb / 3P
TEMPERATURECOMPENSATED SILICON ZENER REFERENCE DIODES 6.2 V, 400 mW
logo
Compensated Deuices Inc...
1N825A CDI-DIODE-1N825A Datasheet
97Kb / 2P
TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N825A MICROSEMI-1N825A Datasheet
76Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N825A MICROSEMI-1N825A Datasheet
78Kb / 2P
6.2 & 6.55 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results


Similar Description - 1N825A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM285 MOTOROLA-LM285 Datasheet
110Kb / 7P
MICROPOWER VOLTAGE REFERENCE DIODES
logo
NXP Semiconductors
BZV10 PHILIPS-BZV10 Datasheet
26Kb / 5P
Voltage reference diodes
1996 Mar 21
BZV80 PHILIPS-BZV80 Datasheet
20Kb / 4P
Voltage reference diodes
1996 Mar 21
logo
ON Semiconductor
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385Z-25G ONSEMI-LM385Z-25G Datasheet
102Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
New Jersey Semi-Conduct...
BZV10 NJSEMI-BZV10 Datasheet
243Kb / 4P
VOLTAGE REFERENCE DIODES
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com