Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TV0605BA-R500FN-95 Datasheet (PDF) - Vishay Barry

TV0605BA-R500FN-95 Datasheet PDF - Vishay Barry
Part # TV0605BA-R500FN-95
Download  TV0605BA-R500FN-95 Download
File Size   118.4 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description All Terminations by CW Power

TV0605BA-R500FN-95 Datasheet (PDF)

Go To PDF Page Download Datasheet
TV0605BA-R500FN-95 Datasheet PDF - Vishay Barry

Part # TV0605BA-R500FN-95
Download  TV0605BA-R500FN-95 Click to download

File Size   118.4 Kbytes
Page   1 Pages
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry
Description All Terminations by CW Power

TV0605BA-R500FN-95 Datasheet (HTML) - Vishay Barry


TV0605BA-R500FN-95 Product details

Features:
♦ Alumina, BeO, or BeO FREE
♦ DC - 3 GHz Performance
♦ 14 Watt (max) Power Rating
♦ Solder Mountable

General Description:
The TV0605ZZ-XXXXWN-YY is a solder
mountable chip termination. It has an input power rating
from 4 to 14 watts, while maintaining a constant mounting
surface temperature of 100°C. It offers a frequency
range from DC to 3 GHz. Available in Alumina, BeO or
BeO FREE.




Similar Part No. - TV0605BA-R500FN-95

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06100J-HF COMCHIP-TV06100J-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
TV06101J-HF COMCHIP-TV06101J-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
TV06110J-HF COMCHIP-TV06110J-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
TV06111J-HF COMCHIP-TV06111J-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
TV06120J-HF COMCHIP-TV06120J-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
More results


Similar Description - TV0605BA-R500FN-95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFO-17-IP ETC1-LFO-17-IP Datasheet
193Kb / 2P
CW output power > 2.0 mW
LFO-14-I ETC1-LFO-14-I Datasheet
106Kb / 2P
CW output power > 0.8 mW
LFO-65-D ETC2-LFO-65-D Datasheet
54Kb / 1P
CW output power > 1.0mW
logo
Communications & Power ...
VZK-2790J1 CPI-VZK-2790J1 Datasheet
146Kb / 2P
150W CW TWT Power Amplifier
logo
M/A-COM Technology Solu...
CW0500-CM-OOR MA-COM-CW0500-CM-OOR Datasheet
158Kb / 2P
High Power CW Laser Diodes
logo
Bourns Electronic Solut...
CHF3020CBF BOURNS-CHF3020CBF Datasheet
125Kb / 1P
Power RF Terminations / Resistors
logo
Vishay Siliconix
WSCWSN VISHAY-WSCWSN Datasheet
101Kb / 3P
All welded construction, Molded encapsulation, Wraparound terminations
17-Feb-11
logo
Bourns Electronic Solut...
CHF3020CBF500L BOURNS-CHF3020CBF500L Datasheet
125Kb / 1P
Power RF Terminations / Resistors
logo
M/A-COM Technology Solu...
MADL-011012 MA-COM-MADL-011012 Datasheet
789Kb / 6P
360 W CW Power Limiter
logo
IC-Haus GmbH
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
POWER CW LASER DIODE DRIVER
More results




About Vishay Barry


Vishay Barry is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.

Vishay Barry specializes in the production of high-precision, thin-film and thick-film resistors, resistor arrays, and specialized passive components for demanding applications in the aerospace, military, and medical industries.

The company is headquartered in Franklin, Kentucky, and has additional locations in Europe and Asia.

Vishay Barry products are designed and manufactured to meet stringent quality and reliability standards, and are used in a wide range of applications including medical equipment, industrial automation systems, and military and aerospace systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com