Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FJ-2026 Datasheet (PDF) - Coolgear Inc.

FJ-2026 Datasheet PDF - Coolgear Inc.
Part # FJ-2026
Download  FJ-2026 Download
File Size   435.53 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description 5 Volt – 4 Amp DC Barrel Switching Power Supply

FJ-2026 Datasheet (PDF)

Go To PDF Page Download Datasheet
FJ-2026 Datasheet PDF - Coolgear Inc.

Part # FJ-2026
Download  FJ-2026 Click to download

File Size   435.53 Kbytes
Page   2 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description 5 Volt – 4 Amp DC Barrel Switching Power Supply

FJ-2026 Datasheet (HTML) - Coolgear Inc.


FJ-2026 Product details

5V – 4A External Power Supply with DC Barrel for Coolgear USB
2.0 and USB 3.0 commercial or industrial Metal Hubs. The power
supply is configured according to the hub product it is associated
with for proper power distribution. CG-U3MINI4PH-BPH
Input: AC 100 – 240V | 50/60 Hz | 1.5A Max
Output: DC 5V – 4A | 20W
DC Barrel (5.5mm OD 2.5mm ID)




Similar Part No. - FJ-2026

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
FJ-2025 COOLGEAR-FJ-2025 Datasheet
347Kb / 2P
12 Volt – 6 Amp DC Barrel Switching Power Supply
More results


Similar Description - FJ-2026

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
5 Volt, 5 Amp Voltage Regulator
logo
Fairchild Semiconductor
UA78H05A FAIRCHILD-UA78H05A Datasheet
295Kb / 4P
5-Volt 5-Amp Voltage Regulators
logo
List of Unclassifed Man...
FCPS-24F ETC1-FCPS-24F Datasheet
573Kb / 3P
24 Volt, 6 Amp Remote Power Supply
logo
Linear Technology
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Astrodyne Corporation
ADS155 ASTRODYNE-ADS155 Datasheet
1Mb / 3P
155W Single Output with 5 Volt, 3 Amp DC/DC Converter
logo
ETA-USA
OCH05S ETA-USA-OCH05S Datasheet
377Kb / 4P
DC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 5 WATTS
logo
Coolgear Inc.
5VDC-1 COOLGEAR-5VDC-1 Datasheet
200Kb / 2P
5 Volt Output 2 Amp Power Supply 1.3mm
5VDCLB-1 COOLGEAR-5VDCLB-1 Datasheet
200Kb / 2P
5 Volt Output 2 amp Large Barrel Power Supply 2.1mm
FJ-2025 COOLGEAR-FJ-2025 Datasheet
347Kb / 2P
12 Volt – 6 Amp DC Barrel Switching Power Supply
PWR-7U2ML COOLGEAR-PWR-7U2ML Datasheet
363Kb / 2P
4 Amp 5 Volt DC Hub Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com