Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2517040 Datasheet (PDF) - Alpha Wire

2517040 Datasheet PDF - Alpha Wire
Part # 2517040
Download  2517040 Download
File Size   94.46 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2517040 Datasheet (PDF)

Go To PDF Page Download Datasheet
2517040 Datasheet PDF - Alpha Wire

Part # 2517040
Download  2517040 Click to download

File Size   94.46 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2517040 Datasheet (HTML) - Alpha Wire


2517040 Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 40 X 1 COND
a) Conductor 18 (16/30) AWG Tinned Copper 0.047
b) Insulation 0.016" Wall, Nom. PVC 0.079
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 15 RED/BLACK 29 WHITE/BLACK/B
ROWN
2 RED 16 WHITE/BLACK 30 WHITE/BLACK/O
RANGE
3 WHITE 17 WHITE/RED 31 WHITE/BLACK/S
LATE
4 GREEN 18 WHITE/GREEN 32 WHITE/BLACK/VI
OLET
5 ORANGE 19 WHITE/YELLOW 33 WHITE/BLACK/B
LACK
6 BLUE 20 WHITE/BLUE 34 WHITE/RED/BLA
CK
7 BROWN 21 WHITE/BROWN 35
WHITE/RED/RED
8 YELLOW 22 WHITE/ORANGE 36 WHITE/RED/GRE
EN
9 VIOLET 23 WHITE/SLATE 37
WHITE/RED/BLU
E
10 SLATE 24 WHITE/VIOLET 38 WHITE/RED/BRO
WN
11 PINK 25 WHITE/BLACK/R
ED
39 WHITE/RED/VIOL
ET
12 TAN 26 WHITE/BLACK/G
REEN
40 WHITE/GREEN/B
LACK
13 RED/GREEN 27 WHITE/BLACK/Y
ELLOW
14 RED/YELLOW 28 WHITE/BLACK/B
LUE
2) Cable Assembly 40 Components Cabled
a) Twists: 1.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield: A/P/A Tape, 20% Overlap, Min.
a) Drain Wire 18 (16/30) AWG Tinned Copper
b) Braid Tinned Copper,70% Coverage, Nom.
4) Jacket
0.053" Wall, Nom.,Polyurethane
(TPU)
0.722 (0.750 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25170/40
XTRAGUARD(R) 2 RU AWM 20668 VW-1 OR CRU
AWM I/II A/B 90C 300 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)
* = Factory Code




Similar Part No. - 2517040

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25170 ALPHAWIRE-25170 Datasheet
93Kb / 4P
Customer Specification
1/9/2023
25170/15 ALPHAWIRE-25170/15 Datasheet
98Kb / 4P
Customer Specification
12/5/2022
25170/20 ALPHAWIRE-25170/20 Datasheet
98Kb / 4P
Customer Specification
12/13/2022
25170/25 ALPHAWIRE-25170/25 Datasheet
93Kb / 4P
Customer Specification
1/4/2023
25170/30 ALPHAWIRE-25170/30 Datasheet
93Kb / 5P
Customer Specification
1/9/2023
More results


Similar Description - 2517040

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com