Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JLLS Datasheet (PDF) - Littelfuse

JLLS Datasheet PDF - Littelfuse
Part # JLLS
Download  JLLS Download
File Size   361.6 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 600 V ac • Fast-Acting • 1–1200 A

JLLS Datasheet (PDF)

Go To PDF Page Download Datasheet
JLLS Datasheet PDF - Littelfuse

Part # JLLS
Download  JLLS Click to download

File Size   361.6 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 600 V ac • Fast-Acting • 1–1200 A

JLLS Datasheet (HTML) - Littelfuse


JLLS Product details

FEATURES
200,000 AIR - Safety feature providing reliable interruption of all overcurrents up to 200,000 A
Current-limiting - Reduces damage caused by heating and magnetic effects of shortcircuit
currents; extends the equipment’s lifecycle
Fast-acting - Provides fast short-circuit response for equipment requiring fast overload protection
POWR-GARD® technology - Ensures quality overcurrent protection
Compact size - More efficient use of available space – typical three-pole Class T
fuse blocks require less than 50% of the panel area required for Class R fuse blocks
Functional protection - When used as input or output fuses for surge-sensitive components,
they can prevent opening of expensive semiconductor fuses that protect individual components

Applications
• Variable speed drives
• Power conversion devices (inverters, rectifiers, UPS)
• Power supplies and power distribution units
• Compact main switches
• Individual electric services and meters




Similar Part No. - JLLS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
JLLS LITTELFUSE-JLLS Datasheet
542Kb / 3P
CLASS T JLLN/ JLLS SERIES FUSES
JLLS0001T LITTELFUSE-JLLS0001T Datasheet
787Kb / 9P
CLASS T ??JLLN / JLLS SERIES
Rev: 061820
JLLS0001TXL LITTELFUSE-JLLS0001TXL Datasheet
787Kb / 9P
CLASS T ??JLLN / JLLS SERIES
Rev: 061820
JLLS0001TXLS LITTELFUSE-JLLS0001TXLS Datasheet
787Kb / 9P
CLASS T ??JLLN / JLLS SERIES
Rev: 061820
JLLS0001TXLSE LITTELFUSE-JLLS0001TXLSE Datasheet
787Kb / 9P
CLASS T ??JLLN / JLLS SERIES
Rev: 061820
More results


Similar Description - JLLS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW33IH120D STMICROELECTRONICS-STGW33IH120D Datasheet
530Kb / 14P
30 A - 1200 V - very fast IGBT
12-Mar-2008
STGW38IH120D STMICROELECTRONICS-STGW38IH120D Datasheet
516Kb / 14P
30 A - 1200 V - very fast IGBT
14-May-2008
logo
Littelfuse
L15S1 LITTELFUSE-L15S1 Datasheet
890Kb / 9P
Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
logo
Cooper Bussmann, Inc.
KTK-1-10 COOPER-KTK-1-10 Datasheet
54Kb / 1P
LIMITRON짰 Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
List of Unclassifed Man...
KTK-25 ETC2-KTK-25 Datasheet
59Kb / 1P
Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
Cooper Bussmann, Inc.
KTK-2-10 COOPER-KTK-2-10 Datasheet
54Kb / 1P
Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
Littelfuse
JLS LITTELFUSE-JLS_17 Datasheet
330Kb / 3P
600 VAC ??Fast-Acting ??1-600 A
LA060URD32LI1250 LITTELFUSE-LA060URD32LI1250 Datasheet
627Kb / 10P
L15S SERIES TRADITIONAL HIGH-SPEED 150 V ac ? Very Fast-Acting ? 1?1000 A
Rev: 041819
LA120X61 LITTELFUSE-LA120X61 Datasheet
96Kb / 1P
1200 VAC ??Very Fast Acting ??1/2 ??30 Amperes
2005
logo
STMicroelectronics
STGD3NC120H STMICROELECTRONICS-STGD3NC120H Datasheet
899Kb / 13P
7 A, 1200 V very fast IGBT
27-Jun-2012
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com