Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN213924 Datasheet (PDF) - Infineon Technologies AG

AN213924 Datasheet PDF - Infineon Technologies AG
Part # AN213924
Download  AN213924 Download
File Size   948.73 Kbytes
Page   74 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PSoC 6 MCU: CY8C61x5 Datasheet

AN213924 Datasheet (PDF)

Go To PDF Page Download Datasheet
AN213924 Datasheet PDF - Infineon Technologies AG

Part # AN213924
Download  AN213924 Click to download

File Size   948.73 Kbytes
Page   74 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description PSoC 6 MCU: CY8C61x5 Datasheet

AN213924 Datasheet (HTML) - Infineon Technologies AG


AN213924 Product details

Features
Note: In PSoC 61 the Cortex M0+ is reserved for system
functions, and is not available for applications.
32-bit Dual CPU Subsystem
■ 150-MHz Arm® Cortex®-M4F (CM4) CPU with single-cycle
multiply, floating point, and memory protection unit (MPU)
■ 100-MHz Cortex-M0+ (CM0+) CPU with single-cycle multiply
and MPU
■ User-selectable core logic operation at either 1.1 V or 0.9 V
■ Active CPU current slope with 1.1-V core operation
❐ Cortex-M4: 40 μA/MHz
❐ Cortex-M0+: 20 μA/MHz
■ Active CPU current slope with 0.9-V core operation
❐ Cortex-M4: 22 μA/MHz
❐ Cortex-M0+: 15 μA/MHz
■ Three DMA controllers
Memory Subsystem
■ 512-KB application flash, 32-KB auxiliary flash (AUXflash), and
32-KB supervisory flash (SFlash); read-while-write (RWW)
support. Two 8-KB flash caches, one for each CPU.
■ 256-KB SRAM with programmable power control and retention
granularity
■ One-time-programmable (OTP) 1-Kb eFuse array
Low-Power 1.7-V to 3.6-V Operation
■ Six power modes for fine-grained power management
■ Deep Sleep mode current of 7 μA with 64-KB SRAM retention
■ On-chip DC-DC buck converter, <1 μA quiescent current
■ Backup domain with 64 bytes of memory and real-time clock
Flexible Clocking Options
■ 8-MHz internal main oscillator (IMO) with ±2% accuracy
■ Ultra-low-power 32-kHz internal low-speed oscillator (ILO)
■ On-chip crystal oscillators (16 to 35 MHz, and 32 kHz)
■ Phase-locked loop (PLL) for multiplying clock frequencies
■ Frequency-locked loop (FLL) for multiplying IMO frequency
■ Integer and fractional peripheral clock dividers
Quad-SPI (QSPI)/Serial Memory Interface (SMIF)
■ Execute-In-Place (XIP) from external quad SPI flash
■ On-the-fly encryption and decryption
■ 4-KB cache for greater XIP performance with lower power
■ Supports single, dual, and quad interfaces with throughput up
to 320 Mbps
Segment LCD Drive
■ Supports up to 63 segments and up to 8 commons.
■ Operates in system Deep Sleep mode
Serial Communication
■ Seven run-time configurable serial communication blocks
(SCBs)
❐ Six SCBs: configurable as SPI, I2C, or UART
❐ One Deep Sleep SCB: configurable as SPI or I2C
■ USB Full-Speed device interface
■ One SD Host Controller/eMMC/SD controller
■ One CAN FD block
Timing and Pulse-Width Modulation
■ Twelve timer/counter/pulse-width modulators (TCPWMs)
■ Center-aligned, edge, and pseudo-random modes
■ Comparator-based triggering of kill signals
Programmable Analog
■ 12-bit 2-Msps SAR ADC with differential and single-ended
modes and 16-channel sequencer with result averaging
■ Two low-power comparators available in system Deep Sleep
and Hibernate modes
■ Built-in temperature sensor connected to ADC
Up to 64 Programmable GPIOs
■ Two Smart I/O™ ports (8 I/Os) enable Boolean operations on
GPIO pins; available during system Deep Sleep
■ Programmable drive modes, strengths, and slew rates
■ Two overvoltage-tolerant (OVT) pins
Capacitive Sensing
■ Cypress CapSense® sigma-delta (CSD) provides best-in-class
signal-to-noise ratio (SNR), liquid tolerance, and proximity
sensing
■ Enables dynamic usage of both self and mutual sensing
■ Automatic hardware tuning (SmartSense™)
Security Built into Platform Architecture
■ Authentication during boot using hardware hashing
■ All debug and test ingress paths can be disabled
■ Up to eight protection contexts
Cryptography Accelerator
■ Hardware acceleration for symmetric and asymmetric
cryptographic methods and hash functions
■ True random number generation (TRNG) function
Packages
■ 100 TQFP, 68 QFN, 49 WLCSP
Device Identification and Revisions
■ Product line ID (12-bit): 0x105
■ Major/Minor die revision ID: 1/2
■ Firmware revisions: ROM Boot: 7.1, Flash Boot: 3.1.0.378 (see
Boot Code section)
This product line has a JTAG ID which is available through the
SWJ interface. It is a 32-bit ID, where:
■ The most significant digit is the device revision, based on the
Major Die Revision
■ The next four digits correspond to the part number, for example
"E4B0" as a hexadecimal number
■ The three least significant digits are the manufacturer ID, in this
case "069" as a hexadecimal number
The Silicon ID system call can be used by firmware to get Silicon
ID and ROM Boot data. For more information, see the technical
reference manual (TRM).
The Flash Boot version can be read directly from designated
addresses 0x1600 2004 and 0x1600 2018. For more
information, see the technical reference manual (TRM).




Similar Part No. - AN213924

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN2130 PANASONIC-AN2130 Datasheet
641Kb / 7P
Video Camera Gamma Correction and AGC Circuits
AN2131 PANASONIC-AN2131 Datasheet
641Kb / 7P
Video Camera Gamma Correction and AGC Circuits
logo
Cypress Semiconductor
AN2131QC CYPRESS-AN2131QC Datasheet
1Mb / 334P
The EZ-USBTM Integrated Circuit
logo
Panasonic Semiconductor
AN2133 PANASONIC-AN2133 Datasheet
641Kb / 7P
Video Camera Gamma Correction and AGC Circuits
logo
Cypress Semiconductor
AN2135SC CYPRESS-AN2135SC Datasheet
1Mb / 334P
The EZ-USBTM Integrated Circuit
More results


Similar Description - AN213924

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C42123 CYPRESS-CY8C42123 Datasheet
959Kb / 42P
Power PSoC??Devices
logo
Feature Integration Tec...
F81218 FINTEK-F81218 Datasheet
1Mb / 64P
ISA/LPC to 6 UART Datasheet
logo
Cypress Semiconductor
CY3217 CYPRESS-CY3217 Datasheet
62Kb / 1P
PSoC MiniProg
logo
Macronix International
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
DATASHEET
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
DATASHEET
logo
Infineon Technologies A...
CY8C62X6 INFINEON-CY8C62X6 Datasheet
1Mb / 77P
PSoC 62 MCU
06/22/2020 Revision J
CY8CKIT-062-BLE INFINEON-CY8CKIT-062-BLE Datasheet
8Mb / 66P
PSoC 6 BLE Pioneer Kit Guide
Doc Number. 002-17040 Rev. K
CY8C41XX INFINEON-CY8C41XX Datasheet
880Kb / 59P
PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
CY8C63X6 INFINEON-CY8C63X6 Datasheet
2Mb / 108P
PSoC™ 63 MCU with Bluetooth® LE
Rev. R 2023-05-10
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com