Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9251V Datasheet (PDF) - Infineon Technologies AG

TLE9251V Datasheet PDF - Infineon Technologies AG
Part # TLE9251V
Download  TLE9251V Download
File Size   640.24 Kbytes
Page   30 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Speed CAN Transceiver

TLE9251V Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE9251V Datasheet PDF - Infineon Technologies AG

Part # TLE9251V
Download  TLE9251V Click to download

File Size   640.24 Kbytes
Page   30 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description High Speed CAN Transceiver

TLE9251V Datasheet (HTML) - Infineon Technologies AG


TLE9251V Product details

Features
• Fully compliant to ISO 11898-2 (2016) and SAE J2284-4/-5
• Reference device and part of Interoperability Test Specification for CAN
Transceiver
• Guaranteed loop delay symmetry for CAN FD data frames up to 5 MBit/s
• Very low electromagnetic emission (EME) allows the use without
additional common mode choke
• VIO input for voltage adaption to the μC interface (3.3V & 5V)
• Bus Wake-up Pattern (WUP) function with optimized filter time (0.5μs -
1.8μs) for worldwide OEM usage
• Stand-by mode with minimized quiescent current
• Transmitter supply VCC can be turned off in Stand-by Mode for additional
quiescent current savings
• Wake-up indication on the RxD output
• Wide common mode range for electromagnetic immunity (EMI)
• Excellent ESD robustness +/-8kV (HBM) and +/-11kV (IEC 61000-4-2)
• Extended supply range on the VCC and VIO supply
• CAN short circuit proof to ground, battery, VCC and VIO
• TxD time-out function
• Very low CAN bus leakage current in power-down state
• Overtemperature protection
• Protected against automotive transients according ISO 7637 and SAE J2962-2 standards
• Green Product (RoHS compliant)
• Small, leadless TSON8 package designed for automated optical inspection (AOI)

Potential applications
• Gateway Modules
• Body Control Modules (BCM)
• Engine Control Unit (ECUs)




Similar Part No. - TLE9251V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9251V INFINEON-TLE9251V Datasheet
1Mb / 30P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE9251VLE INFINEON-TLE9251VLE Datasheet
1Mb / 30P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE9251VSJ INFINEON-TLE9251VSJ Datasheet
1Mb / 30P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
More results


Similar Description - TLE9251V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6660 ATMEL-ATA6660_06 Datasheet
242Kb / 12P
High-speed Can Transceiver
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551_07 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
High-speed CAN transceiver
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
High-speed CAN transceiver
Rev. 6-24 August 2017
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com