Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2002183100 Datasheet (PDF) - Molex Electronics Ltd.

2002183100 Datasheet PDF - Molex Electronics Ltd.
Part # 2002183100
Download  2002183100 Download
File Size   39.12 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Wire Ferrules 10.00-25.00mm² (8-4 AWG), Rectangular Profile

2002183100 Datasheet (PDF)

Go To PDF Page Download Datasheet
2002183100 Datasheet PDF - Molex Electronics Ltd.

Part # 2002183100
Download  2002183100 Click to download

File Size   39.12 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Hand Crimp Tool for Wire Ferrules 10.00-25.00mm² (8-4 AWG), Rectangular Profile

2002183100 Datasheet (HTML) - Molex Electronics Ltd.


2002183100 Product details

General
Product Family Application Tooling
Series 207129
Comments See Tooling Specification (PDF) Above
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information applicationtooling@molex.com
Overview Application Tooling
Product Name GWconnect
Taxonomy Crimp Presses and Crimp Hand T
Tool Type Ferrule Crimp Tool
UPC 191128448628
Warranty Disclaimer CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.




Similar Part No. - 2002183100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2002183100 MOLEX-2002183100 Datasheet
75Kb / 3P
Hand Crimp Tool for Wire Ferrules 10.00-25.00mm², 8-4 AWG, Rectangular Profile
Jun 18, 2025
2002183100 MOLEX-2002183100_V01 Datasheet
75Kb / 3P
Hand Crimp Tool for Wire Ferrules 10.00-25.00mm², 8-4 AWG, Rectangular Profile
Jun 18, 2025
More results


Similar Description - 2002183100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0640017870 MOLEX11-0640017870 Datasheet
29Kb / 1P
Hand Crimp Tool for 4 AWG Insulated Ring Terminals
200218-0700 MOLEX-200218-0700 Datasheet
876Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
ATS-2002183100 MOLEX-ATS-2002183100 Datasheet
843Kb / 5P
Hand Crimp Tool for Rectangular Wire Ferrule Crimp
11-03-17
200218-3200 MOLEX-200218-3200 Datasheet
536Kb / 5P
Hand Crimp Tool for Rectangular Wire Ferrule Crimp
11-09-17
200218-5000 MOLEX-200218-5000 Datasheet
484Kb / 4P
Hand Crimp Tool with Front and Side Entry for Wire Ferrules
10-08-18
2002180600 MOLEX-2002180600 Datasheet
861Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
2002180700 MOLEX-2002180700 Datasheet
876Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
2002183200 MOLEX-2002183200 Datasheet
536Kb / 5P
Hand Crimp Tool for Rectangular Wire Ferrule Crimp
11-09-17
200218-0700 MOLEX2-200218-0700 Datasheet
876Kb / 4P
Hand Crimp Tool for Wire Ferrules
04-11-17
2133096000 MOLEX-2133096000 Datasheet
33Kb / 1P
Hand Crimp Tool for Mega-Fit Wire-to-Wire Crimp Terminals, 10 AWG
08/25/2022
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com