Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2-8COM-M Datasheet (PDF) - Coolgear Inc.

USB2-8COM-M Datasheet PDF - Coolgear Inc.
Part # USB2-8COM-M
Download  USB2-8COM-M Download
File Size   1165.43 Kbytes
Page   3 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description USB USB 2.0 Serial high speed adapter box industrial

USB2-8COM-M Datasheet (PDF)

Go To PDF Page Download Datasheet
USB2-8COM-M Datasheet PDF - Coolgear Inc.

Part # USB2-8COM-M
Download  USB2-8COM-M Click to download

File Size   1165.43 Kbytes
Page   3 Pages
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.
Description USB USB 2.0 Serial high speed adapter box industrial

USB2-8COM-M Datasheet (HTML) - Coolgear Inc.


USB2-8COM-M Product details

Adds eight industrial RS-232 serial ports by connecting to a
USB port
High speed serial port with the baud rate up to 921.6K bps
RS-232 data signals: TxD, RxD, RTS, CTS, DSR, DTR,
DCD, RI, GND
Self-powered. One switching power adapter of 12V, 1A
provided.
OS Compatibility: Windows 7, 8, 10, & Windows 11 as well
as Linux and Mac OS 10.X




Similar Part No. - USB2-8COM-M

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB2-8COMI-SI-TB COOLGEAR-USB2-8COMI-SI-TB Datasheet
427Kb / 3P
Basic Measurements
8/20/21
USB2-8COMI-TB COOLGEAR-USB2-8COMI-TB Datasheet
100Kb / 1P
USB 2.0 to 8-Port Terminal Block Serial
More results


Similar Description - USB2-8COM-M

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL848 GENESYS-GL848 Datasheet
800Kb / 85P
High Speed USB 2.0
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
USA-19HS ETC2-USA-19HS Datasheet
494Kb / 2P
Keyspan High-Speed USB to Serial Adapter
logo
Tripp Lite. All Rights ...
UR024000 TRIPPLITE-UR024000 Datasheet
507Kb / 2P
Universal Reversible USB 2.0 Hi-Speed Adapter
USA19HS TRIPPLITE-USA19HS Datasheet
490Kb / 2P
Keyspan High-Speed USB to Serial Adapter
logo
Coolgear Inc.
USB-4COM COOLGEAR-USB-4COM Datasheet
121Kb / 2P
232 USB to Serial Adapter Data Control Box
USB2-4COM-M COOLGEAR-USB2-4COM-M Datasheet
122Kb / 2P
USB 2.0 4-Port USB Serial DB
USB-COM-M COOLGEAR-USB-COM-M Datasheet
145Kb / 3P
USB 2.0 to Serial High-Speed RS-232 Industrial Adapter
USBG-COM-X COOLGEAR-USBG-COM-X Datasheet
125Kb / 2P
USB to Industrial 5Volt RS232 Serial Adapter FTDI
logo
Advantech Co., Ltd.
ULI-421CL ADVANTECH-ULI-421CL Datasheet
527Kb / 3P
Industrial USB 2.0 Isolators
26-May-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com