Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

150A-CL420 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

150A-CL420 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # 150A-CL420
Download  150A-CL420 Download
File Size   323.35 Kbytes
Page   3 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Topstek True RMS Current Transducer TU12P5A..TU12P150A-CL420

150A-CL420 Datasheet (PDF)

Go To PDF Page Download Datasheet
150A-CL420 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # 150A-CL420
Download  150A-CL420 Click to download

File Size   323.35 Kbytes
Page   3 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Topstek True RMS Current Transducer TU12P5A..TU12P150A-CL420

150A-CL420 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


150A-CL420 Product details

Features
♦Highly reliable True RMS current measurement device
♦Clamp on split core structure
♦Faster response time than temperature sensing
♦Excellent linearity of the output voltage over a wide input range
♦ VFD and SCR type waveforms current measurement
♦4-20mA True RMS current loop output
♦High isolation voltage between the measuring circuit and the
current-carrying conductor (AC3KV)
♦Flame-Retardant plastic case and silicone encapsulant, using UL
classified materials, ensures protection against environmental
contaminants and vibration over a wide temperature and humidity
range




Similar Part No. - 150A-CL420

ManufacturerPart #DatasheetDescription
logo
StarHope
150AA SPSEMI-150AA Datasheet
677Kb / 4P
ADSL MODEM?갌AX?갩ELEPHONE
logo
Delta Electronics, Inc.
150AAS12-F DELTA-150AAS12-F Datasheet
547Kb / 9P
Over-Voltage/Load/Temperature & Short Circuit protections
150AAS24-F DELTA-150AAS24-F Datasheet
577Kb / 9P
Over-Voltage/Load/Temperature & Short Circuit protections
logo
GAPTEC Electronic GmbH ...
150ACDRS_12S GAPTEC-150ACDRS_12S Datasheet
1Mb / 3P
150W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
Rev. 2021-1.0
150ACDRS_15S GAPTEC-150ACDRS_15S Datasheet
1Mb / 3P
150W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
Rev. 2021-1.0
More results


Similar Description - 150A-CL420

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
Topstek Current Transducer
TMQ80A-CL420 TOPSTEK-TMQ80A-CL420 Datasheet
117Kb / 4P
Topstek True RMS Current Transducer
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
Topstek Current Transducer
TFC30P TOPSTEK-TFC30P Datasheet
206Kb / 4P
Topstek True RMS Current Transducer TFC30P80A..TFC1500A-CL420
TFC30P-CL420 TOPSTEK-TFC30P-CL420 Datasheet
206Kb / 4P
Topstek True RMS Current Transducer
TMQ-CL420 TOPSTEK-TMQ-CL420 Datasheet
123Kb / 4P
Topstek True RMS Current Transducer
TU10P5A-CL420 TOPSTEK-TU10P5A-CL420 Datasheet
128Kb / 2P
Topstek True RMS Current Transducer
TU16P5A-CL420 TOPSTEK-TU16P5A-CL420 Datasheet
134Kb / 2P
Topstek True RMS Current Transducer
TU16P-C5-091026 TOPSTEK-TU16P-C5-091026 Datasheet
197Kb / 2P
Topstek True RMS Current Transducer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com