Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCS1301 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

WCS1301 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # WCS1301
Download  WCS1301 Download
File Size   398.23 Kbytes
Page   4 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Hall Effect Base Current Switch

WCS1301 Datasheet (PDF)

Go To PDF Page Download Datasheet
WCS1301 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # WCS1301
Download  WCS1301 Click to download

File Size   398.23 Kbytes
Page   4 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Hall Effect Base Current Switch

WCS1301 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


WCS1301 Product details

Features:
 8.3 mΩ internal conductor resistance
 Output “Low” when IP>= Iop
 Output “High” when IP < Irp
 Wide operating voltage range 2.6~18 V.
 Low operating current 2.0mA
 10K Hz bandwidth
 Customized Spec. upon request




Similar Part No. - WCS1301

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1301 WINSON-WCS1301 Datasheet
404Kb / 4P
Hall Effect Base Current Switch
More results


Similar Description - WCS1301

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WCS1702 WINSON-WCS1702 Datasheet
159Kb / 3P
Hall Effect Base Linear Current Sensor
WCS1301 WINSON-WCS1301 Datasheet
404Kb / 4P
Hall Effect Base Current Switch
WCS1800 WINSON-WCS1800 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2702 WINSON-WCS2702 Datasheet
481Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2705 WINSON-WCS2705 Datasheet
457Kb / 5P
Hall Effect Base Linear Current Sensor
WCS6800 WINSON-WCS6800 Datasheet
628Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1500 WINSON-WCS1500_17 Datasheet
477Kb / 5P
Hall Effect Base Linear Current Sensor
WCS1800 WINSON-WCS1800_17 Datasheet
482Kb / 5P
Hall Effect Base Linear Current Sensor
WCS2750 WINSON-WCS2750_17 Datasheet
428Kb / 3P
Hall Effect Base Linear Current Sensor
logo
DIWELL Electronics Co.,...
WCS374 DIWELL-WCS374 Datasheet
865Kb / 5P
Hall Effect Base Linear Current Sensor
2017/12/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com