Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSH202 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

WSH202 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # WSH202
Download  WSH202 Download
File Size   487.6 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Linear Hall Effect Sensor IC

WSH202 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSH202 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # WSH202
Download  WSH202 Click to download

File Size   487.6 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description Linear Hall Effect Sensor IC

WSH202 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


WSH202 Product details

Features:
 Wide operating range 3.0~12V, -40℃~125℃
 Flat Response to 23k Hz
 Low operating current 3mA
 High Sensitivity
Sensitivity: 10mV/Guass (Differential output) on 3V Sensitivity: 20mV/Guass (Differential output) on 5V
 Two package styles TO-94/SOT-25 available.




Similar Part No. - WSH202

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH202 WINSON-WSH202 Datasheet
233Kb / 5P
Linear Hall Effect Sensor IC
More results


Similar Description - WSH202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSH201 ETC2-WSH201 Datasheet
88Kb / 3P
Linear Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH201 WINSON-WSH201 Datasheet
119Kb / 3P
Linear Hall Effect Sensor IC
WSH137 WINSON-WSH137 Datasheet
293Kb / 5P
Linear Hall Effect Sensor IC
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
WSH135 WINSON-WSH135_17 Datasheet
236Kb / 4P
Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
DIWELL Electronics Co.,...
WSH136 DIWELL-WSH136 Datasheet
432Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH137 DIWELL-WSH137 Datasheet
450Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH138 DIWELL-WSH138 Datasheet
482Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
WSH203 DIWELL-WSH203 Datasheet
518Kb / 5P
Linear Hall Effect Sensor IC
2017/12/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com