Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSH231 Datasheet (PDF) - DIWELL Electronics Co., Ltd.

WSH231 Datasheet PDF - DIWELL Electronics Co., Ltd.
Part # WSH231
Download  WSH231 Download
File Size   841.28 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description North and South pole Two outputs Hall Effect Switch IC

WSH231 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSH231 Datasheet PDF - DIWELL Electronics Co., Ltd.

Part # WSH231
Download  WSH231 Click to download

File Size   841.28 Kbytes
Page   5 Pages
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.
Description North and South pole Two outputs Hall Effect Switch IC

WSH231 Datasheet (HTML) - DIWELL Electronics Co., Ltd.


WSH231 Product details

Features:
 Operates from 2.4V to 26V supply voltage with reverse voltage protection
 Operates with magnetic fields from DC to 15kHz
 On-chip Hall Sensor and driver
 On-chip temperature compensation circuitry minimizes shifts in On/Off points temperature and supply voltage
 Wide range operating temperature –40 ~ 90℃
 Output1: On (L) with magnetic South pole
Output2: On (L) with magnetic North pole
Both Off(H) without magnetic field




Similar Part No. - WSH231

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH231 WINSON-WSH231 Datasheet
847Kb / 5P
Operates from 2.4V to 26V supply voltage with reverse voltage protection
More results


Similar Description - WSH231

ManufacturerPart #DatasheetDescription
logo
Winson Semiconductor Co...
WSH181 WINSON-WSH181 Datasheet
106Kb / 5P
Hall Effect Switch IC
logo
SeCoS Halbleitertechnol...
SH6853 SECOS-SH6853 Datasheet
470Kb / 4P
Hall Effect Switch IC
logo
Winson Semiconductor Co...
WSH415 WINSON-WSH415 Datasheet
107Kb / 4P
Hall Effect IC with Two complementary Outputs
WSH130 WINSON-WSH130_13 Datasheet
149Kb / 5P
Hall Effect Switch IC
WSH181 WINSON-WSH181_13 Datasheet
146Kb / 5P
Hall Effect Switch IC
WSH415 WINSON-WSH415_15 Datasheet
276Kb / 4P
Hall Effect IC with Two complementary Outputs
WSH130 WINSON-WSH130_17 Datasheet
185Kb / 5P
Hall Effect Switch IC
logo
Anpec Electronics Corop...
APX8131H ANPEC-APX8131H Datasheet
185Kb / 12P
Hall Effect Micro Switch IC
logo
Allegro MicroSystems
APS11500 ALLEGRO-APS11500 Datasheet
1Mb / 22P
Two-Wire Hall-Effect Switch
logo
DIWELL Electronics Co.,...
WSH130 DIWELL-WSH130 Datasheet
179Kb / 5P
Hall Effect Switch IC
2017/4/7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com