Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2516050 Datasheet (PDF) - Alpha Wire

2516050 Datasheet PDF - Alpha Wire
Part # 2516050
Download  2516050 Download
File Size   94.8 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2516050 Datasheet (PDF)

Go To PDF Page Download Datasheet
2516050 Datasheet PDF - Alpha Wire

Part # 2516050
Download  2516050 Click to download

File Size   94.8 Kbytes
Page   5 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description Customer Specification

2516050 Datasheet (HTML) - Alpha Wire


2516050 Product details

Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1 50 X 1 COND
a) Conductor 20 (7/28) AWG Tinned Copper 0.038
b) Insulation 0.016" Wall, Nom. PVC 0.070
(1) Color Code Alpha Wire Color Code D
Cond Color Cond Color Cond Color
1 BLACK 18 WHITE/GREEN 35
WHITE/RED/RED
2 RED 19 WHITE/YELLOW 36 WHITE/RED/GRE
EN
3 WHITE 20 WHITE/BLUE 37 WHITE/RED/BLU
E
4 GREEN 21 WHITE/BROWN 38 WHITE/RED/BRO
WN
5 ORANGE 22 WHITE/ORANGE 39 WHITE/RED/VIOL
ET
6 BLUE 23 WHITE/SLATE 40 WHITE/GREEN/B
LACK
7 BROWN 24 WHITE/VIOLET 41 WHITE/GREEN/R
ED
8 YELLOW 25 WHITE/BLACK/R
ED
42 WHITE/GREEN/G
REEN
9 VIOLET 26
WHITE/BLACK/G
43
WHITE/GREEN/B
REEN LUE
10 SLATE 27 WHITE/BLACK/Y
ELLOW
44 WHITE/GREEN/B
ROWN
11 PINK 28 WHITE/BLACK/B
LUE
45 WHITE/GREEN/V
IOLET
12 TAN 29 WHITE/BLACK/B
ROWN
46 WHITE/BLUE/BL
ACK
13 RED/GREEN 30 WHITE/BLACK/O
RANGE
47 WHITE/BLUE/RE
D
14 RED/YELLOW 31 WHITE/BLACK/S
LATE
48 WHITE/BLUE/GR
EEN
15 RED/BLACK 32 WHITE/BLACK/VI
OLET
49 WHITE/BLUE/BL
UE
16 WHITE/BLACK 33 WHITE/BLACK/B
LACK
50 WHITE/BLUE/BR
OWN
17 WHITE/RED 34 WHITE/RED/BLA
CK
2) Cable Assembly 50 Components Cabled
a) Twists: 1.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
Nonwoven Polyester Tape, 20%
Overlap, Min.
3) Shield: A/P/A Tape, 20% Overlap, Min.
a) Drain Wire 20 (7/28) AWG Tinned Copper
b) Braid Tinned Copper,70% Coverage, Nom.
4) Jacket
0.053" Wall, Nom.,Polyurethane
(TPU)
0.718 (0.748 Max.)
a) Color(s) Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige, White
b) Ripcord 1 End 810 Denier Nylon
c) Print
ALPHA WIRE-* P/N 25160/50
XTRAGUARD(R) 2 RU AWM 20668 VW-1 OR CRU
AWM I/II A/B 90C 300 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)




Similar Part No. - 2516050

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
251605B ITF-251605B Datasheet
166Kb / 2P
Typical 1dB bandwidth of 16.2 MHz
More results


Similar Description - 2516050

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com