Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP1 Datasheet (PDF) - Vishay Siliconix

EP1 Datasheet PDF - Vishay Siliconix
Part # EP1_V01
Download  EP1 Download
File Size   467.62 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation

EP1 Datasheet (PDF)

Go To PDF Page Download Datasheet
EP1 Datasheet PDF - Vishay Siliconix

Part # EP1_V01
Download  EP1 Click to download

File Size   467.62 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation

EP1 Datasheet (HTML) - Vishay Siliconix


EP1 Product details

FEATURES
• High energy, very high capacitance design
• All tantalum, hermetically sealed case
• Utilizes Vishay proven SuperTan® technology
• 2 terminations options: SMD and radial
• PATENT(S): www.vishay.com/patents
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details




Similar Part No. - EP1_V01

ManufacturerPart #DatasheetDescription
logo
NEC
EP1-3L1 NEC-EP1-3L1 Datasheet
193Kb / 12P
AUTOMOTIVE RELAYS (Twin, Single) Relays
EP1-3L2 NEC-EP1-3L2 Datasheet
193Kb / 12P
AUTOMOTIVE RELAYS (Twin, Single) Relays
EP1-3L3 NEC-EP1-3L3 Datasheet
193Kb / 12P
AUTOMOTIVE RELAYS (Twin, Single) Relays
logo
Kemet Corporation
EP1-3N1S KEMET-EP1-3N1S Datasheet
369Kb / 9P
AUTOMOTIVE RELAYS
2019.4.1
logo
NEC
EP1-4L3 NEC-EP1-4L3 Datasheet
193Kb / 12P
AUTOMOTIVE RELAYS (Twin, Single) Relays
More results


Similar Description - EP1_V01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
26-Sep-06
109D VISHAY-109D Datasheet
94Kb / 6P
Wet Tantalum Capacitors Sintered Anode TANTALEX® Capacitors For Operation to 125 °C, Elastomer-Sealed
19-Jun-07
134D VISHAY-134D Datasheet
95Kb / 3P
Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
25-Aug-08
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
30-Jun-08
109D VISHAY-109D_17 Datasheet
126Kb / 10P
Wet Tantalum Capacitors Sintered Anode TANTALEX™ Capacitors for Operation to 125 °C, Elastomer-Sealed
28-Aug-17
HE5 VISHAY-HE5 Datasheet
108Kb / 5P
Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
23-Mar-2021
HE3 VISHAY-HE3 Datasheet
115Kb / 6P
Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
23-Mar-2021
EP1 VISHAY-EP1 Datasheet
280Kb / 8P
Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
23-Mar-2021
DLA15005 VISHAY-DLA15005 Datasheet
108Kb / 4P
Wet Tantalum Capacitors, Ultra-High Capacitance, Tantalum Case with Glass-to-Tantalum Hermetic Seal for -55 °C to 125 °C, DLA Approved
09-Dec-16
HE5 VISHAY-HE5_V01 Datasheet
93Kb / 5P
Wet Tantalum Capacitors, High Energy, Ultra High Capacitance, -55 °C to 125 °C Operation
23-Mar-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com