Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

854-B05-103RLS4 Datasheet (PDF) - NorComp

854-B05-103RLS4 Datasheet PDF - NorComp
Part # 854-B05-103RLS4
Download  854-B05-103RLS4 Download
File Size   60.78 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M8 SERIES-MALE-CABLE MOUNT-EXTENDED THREAD DESIGN

854-B05-103RLS4 Datasheet (PDF)

Go To PDF Page Download Datasheet
854-B05-103RLS4 Datasheet PDF - NorComp

Part # 854-B05-103RLS4
Download  854-B05-103RLS4 Click to download

File Size   60.78 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M8 SERIES-MALE-CABLE MOUNT-EXTENDED THREAD DESIGN

854-B05-103RLS4 Datasheet (HTML) - NorComp


854-B05-103RLS4 Product details

FEATURES
M8 connector pin configurations: 3 pin, 4 pin, 5 pin, 6 pin
Non-removable Contacts
Meets IP67/IP68 water proof requirements
-40°C to +85°C Temperature Range
Available as loose piece or as pre-made M8 cables

MATERIALS
SHELL: Brass-Nickel Plated or Stainless Steel
INSULATOR: PBT-Black, UL 94V-0 (Other materials available)
CONTACTS: Brass, Gold Plated
NUT: Brass-Nickel Plated or Stainless Steel
O-RING: EPDM - Black (Other materials available)




Similar Part No. - 854-B05-103RLS4

ManufacturerPart #DatasheetDescription
logo
NorComp
854-B05-203RLS4 NORCOMP-854-B05-203RLS4 Datasheet
62Kb / 1P
M8 SERIES-MALE-CABLE MOUNT-EXTENDED THREAD DESIGN
Rev.00 03/08/2021
More results


Similar Description - 854-B05-103RLS4

ManufacturerPart #DatasheetDescription
logo
PIC GmbH
MS-228-3 PIC-MS-228-3 Datasheet
29Kb / 2P
Reed Sensor - M8 thread
logo
DB Lectro Inc
MS-228-3 DBLECTRO-MS-228-3 Datasheet
29Kb / 2P
Reed Sensor ??M8 thread
logo
Pasternack Enterprises,...
PE35369 PASTERNACK-PE35369 Datasheet
116Kb / 1P
CABLE ASSEMBLY RG223/U REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
logo
Alpha Wire
HCF ALPHAWIRE-HCF Datasheet
164Kb / 2P
M8 Male Front Mount M8 Receptacle
logo
Pasternack Enterprises,...
PE35349 PASTERNACK-PE35349 Datasheet
279Kb / 1P
CABLE ASSEMBLY, RG25C/U, REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
PE35365 PASTERNACK-PE35365 Datasheet
279Kb / 1P
CABLE ASSEMBLY, RG188A/U, REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
PE35373 PASTERNACK-PE35373 Datasheet
279Kb / 1P
CABLE ASSEMBLY, RG316/U, REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
PE35373LF PASTERNACK-PE35373LF Datasheet
288Kb / 1P
CABLE ASSEMBLY, RG316/U, REVERSE THREAD SMA MALE TO REVERSE THREAD SMA MALE
logo
NorComp
854-B05-203RLS4 NORCOMP-854-B05-203RLS4 Datasheet
62Kb / 1P
M8 SERIES-MALE-CABLE MOUNT-EXTENDED THREAD DESIGN
Rev.00 03/08/2021
855-B05-103R004 NORCOMP-855-B05-103R004 Datasheet
110Kb / 2P
M8 SERIES-MALE-PANEL MOUNT-BCODE-5POSITION
Rev.01 02/15/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com