Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

854203M-DC Datasheet (PDF) - NorComp

854203M-DC Datasheet PDF - NorComp
Part # 854203M-DC
Download  854203M-DC Download
File Size   56.29 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M8 SERIES-FEMALE DUST COVER

854203M-DC Datasheet (PDF)

Go To PDF Page Download Datasheet
854203M-DC Datasheet PDF - NorComp

Part # 854203M-DC
Download  854203M-DC Click to download

File Size   56.29 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M8 SERIES-FEMALE DUST COVER

854203M-DC Datasheet (HTML) - NorComp


854203M-DC Product details

FEATURES
M8 connector pin configurations: 3 pin, 4 pin, 5 pin, 6 pin
Non-removable Contacts
Meets IP67/IP68 water proof requirements
-40°C to +85°C Temperature Range
Available as loose piece or as pre-made M8 cables

MATERIALS
SHELL: Brass-Nickel Plated or Stainless Steel
INSULATOR: PBT-Black, UL 94V-0 (Other materials available)
CONTACTS: Brass, Gold Plated
NUT: Brass-Nickel Plated or Stainless Steel
O-RING: EPDM - Black (Other materials available)




Similar Part No. - 854203M-DC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8542 FILTRAN-8542 Datasheet
100Kb / 1P
INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
logo
PHOENIX CONTACT
8542 PHOENIX-8542 Datasheet
339Kb / 25P
AXL E EC DIO16 M12 6P
logo
3M Electronics
8542 3M-8542 Datasheet
417Kb / 2P
3M??Polyurethane Protective Tape
logo
TE Connectivity Ltd
854257-1 TEC-854257-1 Datasheet
671Kb / 26P
AMP-O-MATIC Side-Feed Stripper-Crimper
logo
3M Electronics
8542HS 3M-8542HS Datasheet
417Kb / 2P
3M??Polyurethane Protective Tape
More results


Similar Description - 854203M-DC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1S10 SHARP-GP1S10 Datasheet
55Kb / 4P
Photointerrupter with Dust Cover
logo
Adam Technologies, Inc.
DCF-XX ADAM-TECH-DCF-XX Datasheet
106Kb / 1P
DUST COVER FEMALE D-SUB
DCM-XX ADAM-TECH-DCM-XX Datasheet
104Kb / 1P
DUST COVER MALE D-SUB
logo
American Electronic Com...
HHC71C AEC-HHC71C Datasheet
556Kb / 3P
Dust Cover as standard
HHC71E AEC-HHC71E Datasheet
495Kb / 3P
Dust Cover as standard
HHC71G AEC-HHC71G Datasheet
590Kb / 3P
Dust Cover as standard
HHC71G-2 AEC-HHC71G-2 Datasheet
2Mb / 3P
Dust Cover as standard
logo
VITALCONN ELECTRONICS H...
SDC01 VITALCONN-SDC01 Datasheet
273Kb / 2P
SFP DUST COVER
logo
NorComp
850103M-DC NORCOMP-850103M-DC Datasheet
56Kb / 1P
M5 SERIES-MALE DUST COVER
Rev.01 12-05-14
850203M-DC NORCOMP-850203M-DC Datasheet
55Kb / 1P
M5 SERIES-FEMALE DUST COVER
Rev.02 12-05-14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com