Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

855-004-103RF04 Datasheet (PDF) - NorComp

855-004-103RF04 Datasheet PDF - NorComp
Part # 855-004-103RF04
Download  855-004-103RF04 Download
File Size   63.27 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M8 SERIES-MALE-FRONT OF PANEL MOUNT-4POSITION

855-004-103RF04 Datasheet (PDF)

Go To PDF Page Download Datasheet
855-004-103RF04 Datasheet PDF - NorComp

Part # 855-004-103RF04
Download  855-004-103RF04 Click to download

File Size   63.27 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M8 SERIES-MALE-FRONT OF PANEL MOUNT-4POSITION

855-004-103RF04 Datasheet (HTML) - NorComp


855-004-103RF04 Product details

FEATURES
M8 connector pin configurations: 3 pin, 4 pin, 5 pin, 6 pin
Non-removable Contacts
Meets IP67/IP68 water proof requirements
-40°C to +85°C Temperature Range
Available as loose piece or as pre-made M8 cables

MATERIALS
SHELL: Brass-Nickel Plated or Stainless Steel
INSULATOR: PBT-Black, UL 94V-0 (Other materials available)
CONTACTS: Brass, Gold Plated
NUT: Brass-Nickel Plated or Stainless Steel
O-RING: EPDM - Black (Other materials available)




Similar Part No. - 855-004-103RF04

ManufacturerPart #DatasheetDescription
logo
NorComp
855-004-103R001 NORCOMP-855-004-103R001 Datasheet
71Kb / 1P
M8 SERIES-MALE-PANEL MOUNT(REAR)-SOLDER CUP-4POSITION
Rev.03 03-04-16
855-004-103R004 NORCOMP-855-004-103R004 Datasheet
71Kb / 1P
M8 SERIES-MALE-PANEL MOUNT(REAR)-SOLDER CUP-4POSITION
Rev.03 03-04-16
855-004-103R00Y NORCOMP-855-004-103R00Y Datasheet
71Kb / 1P
M8 SERIES-MALE-PANEL MOUNT(REAR)-SOLDER CUP-4POSITION
Rev.03 03-04-16
855-004-103R0S4 NORCOMP-855-004-103R0S4 Datasheet
65Kb / 1P
M8 SERIES-MALE-PANEL MOUNT SOLDER CUP-SHORT CONTACTS-4POSITION
Rev.00 07/08/2022
More results


Similar Description - 855-004-103RF04

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
HCF ALPHAWIRE-HCF Datasheet
164Kb / 2P
M8 Male Front Mount M8 Receptacle
logo
NorComp
855-004-103R00Y NORCOMP-855-004-103R00Y Datasheet
71Kb / 1P
M8 SERIES-MALE-PANEL MOUNT(REAR)-SOLDER CUP-4POSITION
Rev.03 03-04-16
855-004-103R0S4 NORCOMP-855-004-103R0S4 Datasheet
65Kb / 1P
M8 SERIES-MALE-PANEL MOUNT SOLDER CUP-SHORT CONTACTS-4POSITION
Rev.00 07/08/2022
855-005-103R00Y NORCOMP-855-005-103R00Y Datasheet
70Kb / 1P
M8 SERIES-MALE-PANEL MOUNT(FRONT)-SOLDER CUP-5POSITION
Rev.03 03-04-16
855-005-203R00Y NORCOMP-855-005-203R00Y Datasheet
69Kb / 1P
M8 SERIES-FEMALE-PANEL MOUNT(FRONT)-SOLDER CUP-5POSITION
Rev.05 03-04-16
855-006-103R00Y NORCOMP-855-006-103R00Y Datasheet
71Kb / 1P
M8 SERIES-MALE-PANEL MOUNT(FRONT)-SOLDER CUP-6POSITION
Rev.03
855-006-203R00Y NORCOMP-855-006-203R00Y Datasheet
70Kb / 1P
M8 SERIES-FEMALE-PANEL MOUNT(FRONT)-SOLDER CUP-6POSITION
Rev.03 03-04-16
855-B05-103R004 NORCOMP-855-B05-103R004 Datasheet
110Kb / 2P
M8 SERIES-MALE-PANEL MOUNT-BCODE-5POSITION
Rev.01 02/15/2022
856-004-113R004 NORCOMP-856-004-113R004 Datasheet
63Kb / 1P
M8 SERIES-MALE-PANEL MOUNT-VERT PCB-4POSITION
Rev.02 11/24/2020
856-004-213R004 NORCOMP-856-004-213R004 Datasheet
61Kb / 1P
M8 SERIES-FEMALE-PANEL MOUNT-VERT PCB-4POSITION
Rev.02 11/24/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com