Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

855-006-103R004 Datasheet (PDF) - NorComp

855-006-103R004 Datasheet PDF - NorComp
Part # 855-006-103R004
Download  855-006-103R004 Download
File Size   71.78 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M8 SERIES-MALE-PANEL MOUNT(FRONT)-SOLDER CUP-6POSITION

855-006-103R004 Datasheet (PDF)

Go To PDF Page Download Datasheet
855-006-103R004 Datasheet PDF - NorComp

Part # 855-006-103R004
Download  855-006-103R004 Click to download

File Size   71.78 Kbytes
Page   1 Pages
Manufacturer  NORCOMP [NorComp]
Direct Link  https://www.norcomp.net/
Logo NORCOMP - NorComp
Description M8 SERIES-MALE-PANEL MOUNT(FRONT)-SOLDER CUP-6POSITION

855-006-103R004 Datasheet (HTML) - NorComp


855-006-103R004 Product details

FEATURES
M8 connector pin configurations: 3 pin, 4 pin, 5 pin, 6 pin
Non-removable Contacts
Meets IP67/IP68 water proof requirements
-40°C to +85°C Temperature Range
Available as loose piece or as pre-made M8 cables

MATERIALS
SHELL: Brass-Nickel Plated or Stainless Steel
INSULATOR: PBT-Black, UL 94V-0 (Other materials available)
CONTACTS: Brass, Gold Plated
NUT: Brass-Nickel Plated or Stainless Steel
O-RING: EPDM - Black (Other materials available)




Similar Part No. - 855-006-103R004

ManufacturerPart #DatasheetDescription
logo
NorComp
855-006-203R001 NORCOMP-855-006-203R001 Datasheet
70Kb / 1P
M8 SERIES-FEMALE-PANEL MOUNT(FRONT)-SOLDER CUP-6POSITION
Rev.03 03-04-16
855-006-203R004 NORCOMP-855-006-203R004 Datasheet
70Kb / 1P
M8 SERIES-FEMALE-PANEL MOUNT(FRONT)-SOLDER CUP-6POSITION
Rev.03 03-04-16
855-006-203R00Y NORCOMP-855-006-203R00Y Datasheet
70Kb / 1P
M8 SERIES-FEMALE-PANEL MOUNT(FRONT)-SOLDER CUP-6POSITION
Rev.03 03-04-16
More results


Similar Description - 855-006-103R004

ManufacturerPart #DatasheetDescription
logo
NorComp
855-003-103R00Y NORCOMP-855-003-103R00Y Datasheet
70Kb / 1P
M8 SERIES-MALE-PANEL MOUNT SOLDER CUP-3POSITION
Rev.04 03/04/2016
855-004-103R00Y NORCOMP-855-004-103R00Y Datasheet
71Kb / 1P
M8 SERIES-MALE-PANEL MOUNT(REAR)-SOLDER CUP-4POSITION
Rev.03 03-04-16
855-004-103R0S4 NORCOMP-855-004-103R0S4 Datasheet
65Kb / 1P
M8 SERIES-MALE-PANEL MOUNT SOLDER CUP-SHORT CONTACTS-4POSITION
Rev.00 07/08/2022
855-005-103R00Y NORCOMP-855-005-103R00Y Datasheet
70Kb / 1P
M8 SERIES-MALE-PANEL MOUNT(FRONT)-SOLDER CUP-5POSITION
Rev.03 03-04-16
855-005-203R00Y NORCOMP-855-005-203R00Y Datasheet
69Kb / 1P
M8 SERIES-FEMALE-PANEL MOUNT(FRONT)-SOLDER CUP-5POSITION
Rev.05 03-04-16
855-006-203R00Y NORCOMP-855-006-203R00Y Datasheet
70Kb / 1P
M8 SERIES-FEMALE-PANEL MOUNT(FRONT)-SOLDER CUP-6POSITION
Rev.03 03-04-16
855-008-103R004 NORCOMP-855-008-103R004 Datasheet
61Kb / 1P
M8 SERIES-MALE-PANEL MOUNT SOLDER CUP-8POSITION
Rev.02 04/07/2021
855-008-203R004 NORCOMP-855-008-203R004 Datasheet
62Kb / 1P
M8 SERIES-MALE-PANEL MOUNT SOLDER CUP-3POSITION
Rev.00 08/30/2021
856-00Y-113R004 NORCOMP-856-00Y-113R004 Datasheet
65Kb / 1P
M8 SERIES-MALE-PANEL MOUNT-VERT PCB-5POSITION&6POSITION
Rev.00 04/13/2021
858-006-103RLU4 NORCOMP-858-006-103RLU4 Datasheet
68Kb / 1P
M12 CONNECTOR SERIES-MALE-CABLE MOUNT-SOLDER CUP-6POSITION
10/30/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com