Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

100-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 100-SERIES
Download  100-SERIES Download
File Size   313.42 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 100 Series Contacts | Loose

100-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
100-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 100-SERIES
Download  100-SERIES Click to download

File Size   313.42 Kbytes
Page   2 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 100 Series Contacts | Loose

100-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


100-SERIES Product details

Features

  • 0.100" (2.54mm) or 0.200" (5.08mm) contact spacing for contacts on strip
  • Other spacings accomodated with loose contacts
  • Assemble into 0.062" (1.57mm) nominal thickness P.C. board by staking and/or soldering of contact tails
  • Edacon hermaphroditic contact mating design
  • Card guides, guide pins, guide sockets and polarizing sleeves to ensure correct alignment and mating design
  • Handling and assembly simplified with contacts on strips
  • Designed to mate with 100 series contacts in parallel or perpendicular board configurations
  • RoHS Compliant




Similar Part No. - 100-SERIES

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
100-S0 ALLEN-BRADLEY-100-S0 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
logo
JST Mfg. Co., Ltd.
100-S0 JST-100-S0 Datasheet
682Kb / 8P
RING TONGUE (R type) Non-insulated
logo
Allen-Bradley
100-S9 ALLEN-BRADLEY-100-S9 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
100-SA01 ALLEN-BRADLEY-100-SA01 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
100-SA02 ALLEN-BRADLEY-100-SA02 Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
More results


Similar Description - 100-SERIES

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640637-1 MACOM-640637-1 Datasheet
49Kb / 1P
CONTACT, LOOSE PIECE, 24 AWG WIRE,MTA-100
logo
EDAC, All Rights Reserv...
100-290-201 EDAC-100-290-201 Datasheet
68Kb / 1P
100 Series Contacts | Loose
100-290-202 EDAC-100-290-202 Datasheet
68Kb / 1P
100 Series Contacts | Loose
07-Apr-2020
100-290-203 EDAC-100-290-203 Datasheet
67Kb / 1P
100 Series Contacts | Loose
07-Apr-2020
100-290-208 EDAC-100-290-208 Datasheet
67Kb / 1P
100 Series Contacts | Loose
07-Apr-2020
100-290-210 EDAC-100-290-210 Datasheet
66Kb / 1P
100 Series Contacts | Loose
07-Apr-2020
100-290-250 EDAC-100-290-250 Datasheet
66Kb / 1P
100 Series Contacts | Loose
07-Apr-2020
100-290-251 EDAC-100-290-251 Datasheet
66Kb / 1P
100 Series Contacts | Loose
07-Apr-2020
100-290-253 EDAC-100-290-253 Datasheet
66Kb / 1P
100 Series Contacts | Loose
07-Apr-2020
100-290-258 EDAC-100-290-258 Datasheet
67Kb / 1P
100 Series Contacts | Loose
07-Apr-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com