Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

140-SERIES Datasheet (PDF) - EDAC, All Rights Reserved.

140-SERIES Datasheet PDF - EDAC, All Rights Reserved.
Part # 140-SERIES
Download  140-SERIES Download
File Size   290.51 Kbytes
Page   7 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 140 Series In-Line Connectors | Wire to Board | 2.00mm Pitch

140-SERIES Datasheet (PDF)

Go To PDF Page Download Datasheet
140-SERIES Datasheet PDF - EDAC, All Rights Reserved.

Part # 140-SERIES
Download  140-SERIES Click to download

File Size   290.51 Kbytes
Page   7 Pages
Manufacturer  EDAC [EDAC, All Rights Reserved.]
Direct Link  https://edac.net/
Logo EDAC - EDAC, All Rights Reserved.
Description 140 Series In-Line Connectors | Wire to Board | 2.00mm Pitch

140-SERIES Datasheet (HTML) - EDAC, All Rights Reserved.


140-SERIES Product details

Features

  • 0.079" (2.00mm) contact spacing
  • For use with P.C. board thickness: 0.047" (1.20mm) ~ 0.062" (1.60mm)
  • Low profile insulator body, 0.185" (4.70mm) width 0.240" (6.10mm) height
  • Contact termination options include: P.C. Tail, surface mount
  • Top entry or side entry configurations
  • Board retention contacts available
  • Designed for high-density connection of internal wires to PCB




Similar Part No. - 140-SERIES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140-0-3-502XXXX VISHAY-140-0-3-502XXXX Datasheet
100Kb / 3P
1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
27-Sep-2018
logo
Emerson Network Power
140-0000-973 EMERSON-NETWORKPOWER-140-0000-973 Datasheet
54Kb / 1P
SMA JACK END LAUNCH ASSEMBLY LOCATION SOLDERING TOOL
logo
TE Connectivity Ltd
140-020 TEC-140-020 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
140-026 TEC-140-026 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
140-030 TEC-140-030 Datasheet
689Kb / 29P
FLAT AND ROUND CABLE
More results


Similar Description - 140-SERIES

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
140-502-415-000 EDAC-140-502-415-000 Datasheet
71Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-503-415-100 EDAC-140-503-415-100 Datasheet
71Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-505-415-100 EDAC-140-505-415-100 Datasheet
71Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-506-210-011 EDAC-140-506-210-011 Datasheet
68Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-507-415-100 EDAC-140-507-415-100 Datasheet
72Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-508-415-000 EDAC-140-508-415-000 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-512-415-100 EDAC-140-512-415-100 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-512-417-060 EDAC-140-512-417-060 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-513-417-060 EDAC-140-513-417-060 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
140-515-417-060 EDAC-140-515-417-060 Datasheet
73Kb / 1P
140 Series,In-Line Connectors | Wire to Board | 2.00mm Pitch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com